Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMS4801N Datasheet (PDF) - ON Semiconductor

NTMS4801N Datasheet PDF - ON Semiconductor
Part # NTMS4801N
Download  NTMS4801N Download
File Size   140.66 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 30 V, 12 A, N?묬hannel, SO??

NTMS4801N Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMS4801N Datasheet PDF - ON Semiconductor

Part # NTMS4801N
Download  NTMS4801N Click to download

File Size   140.66 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 30 V, 12 A, N?묬hannel, SO??

NTMS4801N Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMS4801N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4800N ONSEMI-NTMS4800N Datasheet
141Kb / 5P
Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
NTMS4800NR2G ONSEMI-NTMS4800NR2G Datasheet
141Kb / 5P
Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTMS4800NR2G VBSEMI-NTMS4800NR2G Datasheet
1,004Kb / 8P
N-Channel 60 V (D-S) MOSFET
logo
ON Semiconductor
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
NTMS4802NR2G ONSEMI-NTMS4802NR2G Datasheet
116Kb / 5P
Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
More results


Similar Description - NTMS4801N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4107N ONSEMI-NTMS4107N Datasheet
61Kb / 6P
Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
NTMS4873NF ONSEMI-NTMS4873NF Datasheet
120Kb / 6P
Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1
NTMS4920N ONSEMI-NTMS4920N Datasheet
137Kb / 5P
Power MOSFET 30 V, 17 A, N?묬hannel, SO??
September, 2009 ??Rev. 1
NTMS4935N ONSEMI-NTMS4935N Datasheet
142Kb / 5P
Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4939N ONSEMI-NTMS4939N Datasheet
141Kb / 5P
Power MOSFET 30 V, 12.5 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMS4706N ONSEMI-NTMS4706N Datasheet
73Kb / 6P
Power MOSFET 30 V, 10.3 A, Single N?묬hannel, SO??
November, 2005 ??Rev. 3
NTMS4872N ONSEMI-NTMS4872N Datasheet
118Kb / 5P
Power MOSFET 30 V, 10.2 A, N?묬hannel, SO??
January, 2009 ??Rev. 2
NTMD4N03R2G ONSEMI-NTMD4N03R2G Datasheet
126Kb / 8P
Power MOSFET 4 A, 30 V, N?묬hannel SO?? Dual
August, 2013 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com