Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP2955 Datasheet (PDF) - ON Semiconductor

NTP2955 Datasheet PDF - ON Semiconductor
Part # NTP2955
Download  NTP2955 Download
File Size   147.29 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET ??0 V, ??2 A, Single P?묬hannel, TO??20

NTP2955 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTP2955 Datasheet PDF - ON Semiconductor

Part # NTP2955
Download  NTP2955 Click to download

File Size   147.29 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET ??0 V, ??2 A, Single P?묬hannel, TO??20

NTP2955 Datasheet (HTML) - ON Semiconductor


NTP2955 Product details

Power MOSFET
−60 V, −12 A, Single P−Channel, TO−220

Features
• Low RDS(on)
• Rugged Performance
• Fast Switching
• These are Pb−Free Devices*

Applications
• Industrial
• Automotive
• Power Supplies




Similar Part No. - NTP2955

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP2955 ONSEMI-NTP2955 Datasheet
78Kb / 5P
Power MOSFET
January, 2015 ??Rev. 3
NTP2955G ONSEMI-NTP2955G Datasheet
78Kb / 5P
Power MOSFET
January, 2015 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTP2955G VBSEMI-NTP2955G Datasheet
951Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NTP2955G. ONSEMI-NTP2955G. Datasheet
78Kb / 5P
Power MOSFET
January, 2015 ??Rev. 3
NTP2955 ONSEMI-NTP2955_15 Datasheet
78Kb / 5P
Power MOSFET
January, 2015 ??Rev. 3
More results


Similar Description - NTP2955

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD20P06L ONSEMI-NTD20P06L Datasheet
119Kb / 7P
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTJS4151P ONSEMI-NTJS4151P Datasheet
143Kb / 5P
Trench Power MOSFET ??0 V, ??.2 A, Single P?묬hannel, SC??8
February, 2006 ??Rev. 1
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
NVTFS5124PL ONSEMI-NVTFS5124PL Datasheet
127Kb / 6P
Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NVD2955T4G ONSEMI-NVD2955T4G Datasheet
124Kb / 8P
??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NTDV20P06LT4G ONSEMI-NTDV20P06LT4G Datasheet
156Kb / 7P
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTD2955 ONSEMI-NTD2955_V01 Datasheet
112Kb / 8P
Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com