Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2782 Datasheet (PDF) - ON Semiconductor

P2782 Datasheet PDF - ON Semiconductor
Part # P2782
Download  P2782 Download
File Size   154.4 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description General Purpose EMI Reduction IC

P2782 Datasheet (PDF)

Go To PDF Page Download Datasheet
P2782 Datasheet PDF - ON Semiconductor

Part # P2782
Download  P2782 Click to download

File Size   154.4 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description General Purpose EMI Reduction IC

P2782 Datasheet (HTML) - ON Semiconductor


P2782 Product details

Product Description

The P278xA is a versatile spread spectrum frequency modulator designed specifically for digital camera and other digital video and imaging applications. The P278xA reduces electromagnetic interference (EMI) at the clock source, which provides system wide reduction of EMI of all clock dependent signals. The P278xA allows significant system cost savings by reducing the number of circuit board layers and shielding that are traditionally required to pass EMI regulations.



Features

•Provides up to 15dB of EMI suppression

•FCC approved method of EMI attenuation

•Generates a 1X, 2X, and 4X low EMI spread spectrum

clock of the input frequency

•Input frequency range from 3 to 78MHz

•External loop filter for spread % adjustment

•Spreading ranges from ±0.25% to ±5.0%

•Ultra low cycle-to-cycle jitter

•Zero-cycle slip

•3.3V operating voltage range

•Ultra-low power CMOS design

•P278xA is available in an 8 pin SOIC Package



Applications

The P278xA is targeted towards MFP, xDSL, fax modem,set-top box, USB controller, DSC, and embedded systems.




Similar Part No. - P2782

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2782 ETAL-P2782 Datasheet
113Kb / 6P
MICROPROFILE LINE MATCHING TRANSFORMER
logo
PulseCore Semiconductor
P2782 PULSECORE-P2782 Datasheet
184Kb / 11P
General Purpose EMI Reduction IC
logo
Alliance Semiconductor ...
P2782A-08SR ALSC-P2782A-08SR Datasheet
169Kb / 11P
General Purpose EMI Reduction IC
P2782A-08ST ALSC-P2782A-08ST Datasheet
169Kb / 11P
General Purpose EMI Reduction IC
P2782A-08TR ALSC-P2782A-08TR Datasheet
169Kb / 11P
General Purpose EMI Reduction IC
More results


Similar Description - P2782

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2008A ALSC-P2008A Datasheet
172Kb / 9P
General Purpose EMI Reduction IC
P2027A ALSC-P2027A Datasheet
549Kb / 9P
General Purpose EMI Reduction IC
P2681A ALSC-P2681A Datasheet
471Kb / 10P
General Purpose EMI Reduction IC
P2781 ALSC-P2781 Datasheet
169Kb / 11P
General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
General Purpose EMI Reduction IC
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
General Purpose EMI Reduction IC
P2781 PULSECORE-P2781 Datasheet
184Kb / 11P
General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com