Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACVGA201 Datasheet (PDF) - ON Semiconductor

PACVGA201 Datasheet PDF - ON Semiconductor
Part # PACVGA201
Download  PACVGA201 Download
File Size   99.22 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description VGA Port Companion Circuit

PACVGA201 Datasheet (PDF)

Go To PDF Page Download Datasheet
PACVGA201 Datasheet PDF - ON Semiconductor

Part # PACVGA201
Download  PACVGA201 Click to download

File Size   99.22 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description VGA Port Companion Circuit

PACVGA201 Datasheet (HTML) - ON Semiconductor


PACVGA201 Product details

Product Description
The PACVGA201 provides seven channels of ESD protection for all signal lines commonly found in a VGA port. ESD protection is implemented with current−steering diodes designed to safely handle the high surge currents encountered with IEC−61000−4−2 Level−4 ESD Protection (8 kV contact discharge). When a channel is subjected to an electrostatic discharge, the ESD current pulse is diverted via the protection diodes into the positive supply rail or ground where it may be safely dissipated.

Features
• Seven Channels of ESD Protection for All VGA Port Connector Pins
• Meets IEC−61000−4−2 Level−4 ESD Requirements (±8 kV Contact Discharge)
• Very Low Loading Capacitance from ESD Protection Diodes on VIDEO Lines, 4pF Typical
• TTL to CMOS Level−Translating Buffers with Power Down Mode for HSYNC and VSYNC Lines
• Three Power Supplies for Design Flexibility
• Compact 16−Pin QSOP Package
• These Devices are Pb−Free and are RoHS Compliant

Applications
• ESD Protection and Termination Resistors for VGA (Video) Port Interfaces
• Desktop PCs
• Notebook Computers
• LCD Monitors




Similar Part No. - PACVGA201

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
119Kb / 6P
VGA Port Companion Circuit
October, 2011 ??Rev. 4
logo
California Micro Device...
PACVGA201Q CALMIRCO-PACVGA201Q Datasheet
129Kb / 3P
VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA201QR ONSEMI-PACVGA201QR Datasheet
119Kb / 6P
VGA Port Companion Circuit
October, 2011 ??Rev. 4
PACVGA201 ONSEMI-PACVGA201_11 Datasheet
119Kb / 6P
VGA Port Companion Circuit
October, 2011 ??Rev. 4
More results


Similar Description - PACVGA201

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
VGA PORT COMPANION CIRCUIT
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
VGA Port Companion Circuit
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
VGA Port Companion Circuit
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
VGA Port Companion Circuit
May 2010 Rev. 2
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
VGA Port Companion Circuit
May, 2012 ??Rev. 5
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
VGA Port Companion Circuit
October, 2011 ??Rev. 3
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com