Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC11C0 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC11C0 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC11C0
Download  MC68HC11C0 Download
File Size   987.97 Kbytes
Page   76 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit Microcontroller

MC68HC11C0 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC11C0 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC11C0
Download  MC68HC11C0 Click to download

File Size   987.97 Kbytes
Page   76 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit Microcontroller

MC68HC11C0 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC11C0 Product details

Introduction
The MC68HC11C0 high-performance microcontroller unit (MCU) is an enhanced member of the M68HC11 family of microcontrollers. Excluding its new features, the MC68HC11C0 is very similar to the MC68HC11E9 MCU. This device incorporates highly sophisticated on-chip peripheral functions and, with a multiplexed expanded bus, is characterized by high speed and low power consumption. Its fully static design allows this device to operate at frequencies from 3 MHz to dc.

Features
• M68HC11 CPU
• 256 Bytes of On-Chip Static RAM
• 1024 Bytes of Bootstrap ROM (Available in Single-Chip, Bootstrap, and Special-Test Modes)
• Power Saving STOP and WAIT Modes
• 64 Kbyte Address Space, Expandable to 256 Kbytes Using On-Chip Memory Mapping Logic
• Multiplexed Address/Data Bus
• 16-Bit Timer System
    — Three Input Capture (IC) Channels
    — Four Output Compare (OC) Channels
    — One Additional Channel, Software Selectable as Fourth IC or Fifth OC
• 8-Bit Pulse Accumulator
• Real-Time Interrupt Circuit
• Computer Operating Properly (COP) Watchdog Timer
• Clock Monitor
• Five External General-Purpose Chip Select Signals, Each with Programmable Clock Stretching
• One External Vector/Program Chip Select with Programmable Clock Stretching
• Nine External Interrupt Request Inputs (One Nonmaskable Interrupt)
• Two 8-Bit Pulse-Width Modulation (PWM) Timer Channels (Concatenate for a Single 16-Bit PWM)
• Four-Channel 8-Bit Analog-to-Digital (A/D) Converter
• Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)
• Synchronous Serial Peripheral Interface (SPI)
• Six Input/Output (I/O) Ports (35 Pins)
    — 31 Bidirectional
    — 4 Input Only
• All Bidirectional Port Pins Have Selectable Internal Pull-Up Devices
• Available in 68-Pin Plastic Leaded Chip Carrier (PLCC) and 64-Pin Quad Flat Pack (QFP)




Similar Part No. - MC68HC11C0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC11C0 NXP-MC68HC11C0 Datasheet
894Kb / 76P
Technical Summary 8-Bit Microcontroller
MC68HC11C0CFN2 NXP-MC68HC11C0CFN2 Datasheet
894Kb / 76P
Technical Summary 8-Bit Microcontroller
MC68HC11C0CFN3 NXP-MC68HC11C0CFN3 Datasheet
894Kb / 76P
Technical Summary 8-Bit Microcontroller
MC68HC11C0CFU2 NXP-MC68HC11C0CFU2 Datasheet
894Kb / 76P
Technical Summary 8-Bit Microcontroller
MC68HC11C0CFU3 NXP-MC68HC11C0CFU3 Datasheet
894Kb / 76P
Technical Summary 8-Bit Microcontroller
More results


Similar Description - MC68HC11C0

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com