Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC11ED0 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC11ED0 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC11ED0
Download  MC68HC11ED0 Download
File Size   1757.99 Kbytes
Page   108 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Technical Summary

MC68HC11ED0 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC11ED0 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC11ED0
Download  MC68HC11ED0 Click to download

File Size   1757.99 Kbytes
Page   108 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Technical Summary

MC68HC11ED0 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC11ED0 Product details

Introduction
The MC68HC11ED0 is a low-cost member of the M68HC11 Family of microcontrollers (MCU). This MCU has a multiplexed address/data bus and is characterized by high speed and low-power consumption. The fully static design allows operation at frequencies from 3 MHz to dc.
Pin count is minimized for cost-sensitive applications. Because there is no on-chip read-only memory (ROM), this device is optimized for expanded-bus systems. On-chip serial peripheral interface (SPI) and serial communications interface (SCI) provide a convenient means or transferring data to and from internal random-access memory (RAM).

Features
Features include:
• M68HC11 CPU
• Power-saving stop and wait modes
• 512 bytes of RAM
• Multiplexed address and data buses
• Enhanced 16-bit timer with 4-stage programmable prescaler
   – Three input capture (IC) channels
   – Four output compare (OC) channels
   – One additional channel, selectable as fourth IC or fifth OC
• 8-bit pulse accumulator
• Real-time interrupt circuit
• Computer operating properly (COP) watchdog
• Clock monitor
• Enhanced asynchronous non-return-to-zero (NRZ) SCI
• Enhanced SPI
• Eight bidirectional input/output (I/O) lines
• Three input-only lines
• Three output-only lines (one output-only line in 40-pin package)
• Packaging options:
   – 44-pin plastic-leaded chip carrier (PLCC)
   – 44-pin quad flat pack (QFP)
   – 40-pin plastic dual in-line package (DIP)




Similar Part No. - MC68HC11ED0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC11ED0 NXP-MC68HC11ED0 Datasheet
2Mb / 108P
HCMOS Microcontroller Unit
Rev. 1.0
MC68HC11ED0CFN2 NXP-MC68HC11ED0CFN2 Datasheet
2Mb / 108P
HCMOS Microcontroller Unit
Rev. 1.0
MC68HC11ED0CFN3 NXP-MC68HC11ED0CFN3 Datasheet
2Mb / 108P
HCMOS Microcontroller Unit
Rev. 1.0
MC68HC11ED0CFU2 NXP-MC68HC11ED0CFU2 Datasheet
2Mb / 108P
HCMOS Microcontroller Unit
Rev. 1.0
MC68HC11ED0CFU3 NXP-MC68HC11ED0CFU3 Datasheet
2Mb / 108P
HCMOS Microcontroller Unit
Rev. 1.0
More results


Similar Description - MC68HC11ED0

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11F1 MOTOROLA-MC68HC11F1 Datasheet
486Kb / 68P
Technical Summary 8-Bit Microcontroller
MC68307V MOTOROLA-MC68307V Datasheet
354Kb / 34P
Technical Summary Integrated Multiple-Bus Processor
MC68HC11 MOTOROLA-MC68HC11 Datasheet
420Kb / 80P
Technical Summary 8-Bit Microcontroller
MPC859TTS MOTOROLA-MPC859TTS Datasheet
309Kb / 12P
PowerQUICC??Family Technical Summary
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
Technical Summary 8-Bit Microcontroller
logo
NXP Semiconductors
MPC5200TS NXP-MPC5200TS Datasheet
274Kb / 12P
MPC5200 Microprocessor Technical Summary
Rev. 3, 08/2004
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
Technical Summary 8-Bit Microcontroller
BDMTECHSUM NXP-BDMTECHSUM Datasheet
218Kb / 3P
BDM Multilink Rev B Technical Summary
Version 1.2
MPC604 NXP-MPC604 Datasheet
469Kb / 32P
PowerPCTM 604 RISC Microprocessor Technical Summary
REV 1
MGT5100TS NXP-MGT5100TS Datasheet
352Kb / 12P
Microprocessor Technical Summary
Rev. 0, 04/2002
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com