Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

358 Datasheet (PDF) - 3M Electronics

358 Datasheet PDF - 3M Electronics
Part # 358
Download  358 Download
File Size   1275.1 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Power Clamp Wiremount Plug

358 Datasheet (PDF)

Go To PDF Page Download Datasheet
358 Datasheet PDF - 3M Electronics

Part # 358
Download  358 Click to download

File Size   1275.1 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Power Clamp Wiremount Plug

358 Datasheet (HTML) - 3M Electronics


358 Product details

Features
■ Easy, labor saving, and reliable IDC termination
■ Easy field termination with no special tooling or wire preparation
■ no stripping or tinning
■ Semi-Transparent color-coded covers for wire inspection and
■ wire retention
■ CC-Link communication Interconnect Standard
■ One-touch latching mechanism maintains a reliable interconnection in demanding field applications and requires only one hand to easily mate and unmate
■ Integrated Dust Cover also provides secure locking mechanism
■ when mated to Wiremount Socket
■ Polarization ensures proper interconnecting of mated pairs
■ Quick Insertion Panel Mount option
■ RoHS Compliant. See the Regulatory Information Appendix (RIA) in the "RoHS compliance" section of www.3M.com/ Interconnects for compliance information (RIA E1 & C1 apply). Date Modified: December 20, 200 TS-2285-B Sheet 1 of 3 Physical Insulation: Body Material: Nylon Cover Material: Polycarbonate Flammability: UL 94V-0 Body Color: Black Cover Color: Clear, Yellow, Blue, Red Contact: Material: Copper Alloy Plating: Underplating: 2.5 µm Ni minimum Wiping Area: 0.5 µm Au minimum IDC Termination Area: 2.5 µm Au minimum Wire Accomodation: 18 & 20 AWG: PVC, TFE, Foamed PE insulation with solid or 7 - 19 stranded Tinned or Silver Cu. MIL-W- 16878/5 EE, MIL-W- 16878/4 E, MIL-W- 16878/1, MIL-W- 16878/2 C CC-Link Ver 1.10 Cables Contact 3M for additional wire accommodations Mating Compatability: 355, 35T Series, 35715-L010 (with same polarization)




Similar Part No. - 358

ManufacturerPart #DatasheetDescription
logo
Littelfuse
358 LITTELFUSE-358 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32mm
logo
Keystone Electronics Co...
358 KEYSTONE-358 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
3M Electronics
358-9-5252-1 3M-358-9-5252-1 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Vishay Siliconix
3580 VISHAY-3580 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
Pomona Electronics
3580 POMONA-3580 Datasheet
24Kb / 1P
Triaxial (F) Bulkhead Receptacle
More results


Similar Description - 358

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
3M Pak 100 Wiremount Socket
28-Jan-2005
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
3M D Ribbon Wiremount Plug
09-Mar-2005
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
3M D Ribbon Wiremount Socket
09-Mar-2005
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
3M Pak 100 Preassembled Wiremount Socket
17-May-2004
3572-1000 3M-3572-1000_07 Datasheet
235Kb / 4P
3M™ D Ribbon Wiremount Plug
09-Jan-2007
355 3M-355 Datasheet
839Kb / 3P
3M™ Power Clamp Wiremount Socket
20-Dec-2009
356 3M-356 Datasheet
1Mb / 4P
3M™ Power Clamp Header
20-Dec-2009
926781-01-10-I 3M-926781-01-10-I Datasheet
254Kb / 5P
3M™ D Ribbon Wiremount Plug
09-Jan-2007
3435-0 3M-3435-0 Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
3M Wiremount Socket
12-Oct-2011
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com