Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FI-J20C5 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

FI-J20C5 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.
Part # FI-J20C5
Download  FI-J20C5 Download
File Size   133.13 Kbytes
Page   1 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description INSULATOR HEAT RESISTING PLASTIC

FI-J20C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
FI-J20C5 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.

Part # FI-J20C5
Download  FI-J20C5 Click to download

File Size   133.13 Kbytes
Page   1 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description INSULATOR HEAT RESISTING PLASTIC

FI-J20C5 Datasheet (HTML) - Japan Aviation Electronics Industry, Ltd.


FI-J20C5 Product details

Thin Wire Coaxial Connector for Small Portable Devices

The FI-J Series is a thin-wire coaxial connector compatible with 42 and 44 AWG wires, and it is ideally suited for compact devices. The FI-J achieves remarkable space saving on the board and is small enough to pass through a narrow hinge after the harness is assembled.

Features
■ Plug side can pass through 3.6mm dia. hinge after harness assembly. (40 position, 42 AWG)
■ 2.5mm depth, 21.7mm width (for 40 position), with 1.58mm height when mated
■ Stable connection ensured by 0.4mm effective contact length
■ Highly reliable structure of supporting the contact points with each contact
■ Enhanced connection stability with gold-plated ground contact points on plug and receptacle
■ Mis-mating prevention structure
■ Compatible with 42 and 44 AWG wires. (Proven harness assembly compliance)
■ Receptacle side: Available on embossed tape for automatic mounting
■ Receptacle side: Solder migration prevention structure with Ni barrier




Similar Part No. - FI-J20C5

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-J20C5 JAE-FI-J20C5 Datasheet
562Kb / 7P
Thin Wire Coaxial Connector for Small Portable Devices
More results


Similar Description - FI-J20C5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
550T002M GLENAIR-550T002M Datasheet
120Kb / 2P
Environment Resisting EMI/RFI Subminiature Strain-Relief Split Backshell
logo
Ferroxcube Internationa...
CLM-E22 FERROXCUBE-CLM-E22 Datasheet
29Kb / 1P
Clip material : Corrosion resisting steel X 12 CrNi 17 7
logo
Japan Aviation Electron...
FI-G42SB-VF25 JAE-FI-G42SB-VF25 Datasheet
93Kb / 1P
INSULATOR - HEAT RESISRING PLASTIC
FI-E30S JAE-FI-E30S Datasheet
141Kb / 1P
INSULATOR HEAT RESISTING PLASTIC
FI-J20C6 JAE-FI-J20C6 Datasheet
120Kb / 1P
INSULATOR HEAT RESISTING PLASTIC
logo
Advanced Thermal Soluti...
ATS-1043-C1-R0_DS ATS-ATS-1043-C1-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Plastic Push Pin
REV1_0908
ATS-1040-C1-R0_DS ATS-ATS-1040-C1-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Plastic Push Pin
REV1_0908
ATS-1042-C1-R0_DS ATS-ATS-1042-C1-R0_DS Datasheet
2Mb / 1P
maxiFLOW™ Cross Cut High Performance Heat Sinks with Plastic Push Pin
REV1_0908
logo
Littelfuse
46205000000 LITTELFUSE-46205000000 Datasheet
228Kb / 3P
Heat resistant plastic housing, UL 94 V-0 Low voltage drop
logo
List of Unclassifed Man...
LBE66B1CB ETC2-LBE66B1CB Datasheet
366Kb / 1P
HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com