Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8127 Datasheet (PDF) - Toshiba Semiconductor

TPC8127 Datasheet PDF - Toshiba Semiconductor
Part # TPC8127
Download  TPC8127 Download
File Size   222.18 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon P Channel MOS Type (U-MOS??

TPC8127 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8127 Datasheet PDF - Toshiba Semiconductor

Part # TPC8127
Download  TPC8127 Click to download

File Size   222.18 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon P Channel MOS Type (U-MOS??

TPC8127 Datasheet (HTML) - Toshiba Semiconductor


TPC8127 Product details

Lithium Ion Battery Applications

Power Management Switch Applications



•  Small footprint due to small and thin package

•  Low drain-source ON-resistance: RDS (ON)= 5 mΩ(typ.)

•  Low leakage current: IDSS= −10 μA (max) (VDS= −30 V)

•  Enhancement mode: Vth= −0.8 to −2.0 V (VDS= −10 V, ID= −0.5mA)




Similar Part No. - TPC8127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8127 TOSHIBA-TPC8127 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8127 VBSEMI-TPC8127 Datasheet
992Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - TPC8127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105_06 Datasheet
259Kb / 7P
Silicon P Channel MOS Type (U-MOS III)
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
Silicon P Channel MOS Type (U-MOS??
TPCA8109 TOSHIBA-TPCA8109 Datasheet
238Kb / 7P
Silicon P Channel MOS Type (U-MOS??
TJ15S06M3L TOSHIBA-TJ15S06M3L_V01 Datasheet
264Kb / 9P
Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.8.0
TJ200F04M3L TOSHIBA-TJ200F04M3L_V01 Datasheet
313Kb / 11P
Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.8.0
TJ20S04M3L TOSHIBA-TJ20S04M3L_V01 Datasheet
260Kb / 9P
Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
TJ40S04M3L TOSHIBA-TJ40S04M3L_V01 Datasheet
257Kb / 9P
Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
TJ80S04M3L TOSHIBA-TJ80S04M3L_V01 Datasheet
269Kb / 9P
Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.9.0
TJ8S06M3L TOSHIBA-TJ8S06M3L_V01 Datasheet
278Kb / 9P
Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.9.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com