Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7763 Datasheet (PDF) - EPCOS

B7763 Datasheet PDF - EPCOS
Part # B7763
Download  B7763 Download
File Size   76.37 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW GPS Filter

B7763 Datasheet (PDF)

Go To PDF Page Download Datasheet
B7763 Datasheet PDF - EPCOS

Part # B7763
Download  B7763 Click to download

File Size   76.37 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW GPS Filter

B7763 Datasheet (HTML) - EPCOS


B7763 Product details

Features
■ Package size 2.5 x2.0 x 0.68 mm3
■ Package code DCS4D
■ RoHS compliant
■ Approx. weight 0.015 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter GPS filter
■ Very low insertion attenuation
■ Very low amplitude ripple
■ Usable passband 2 MHz
■ No matching network required for operation at 50 Ω




Similar Part No. - B7763

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7761 EPCOS-B7761 Datasheet
100Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7764 EPCOS-B7764 Datasheet
109Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 897,50 MHz
B7766 EPCOS-B7766 Datasheet
69Kb / 5P
SAW Components Low-Loss Filter 2441,75 MHz
More results


Similar Description - B7763

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9037 EPCOS-B9037 Datasheet
82Kb / 8P
SAW GPS filter
B7742 EPCOS-B7742_1 Datasheet
118Kb / 9P
SAW GPS Extractor Filter GPS Extractor
B9080 EPCOS-B9080 Datasheet
92Kb / 9P
SAW GPS Filter
B9415 EPCOS-B9415_1 Datasheet
85Kb / 8P
SAW filter GPS
B9416 EPCOS-B9416_1 Datasheet
88Kb / 8P
SAW filter GPS
B9417 EPCOS-B9417_1 Datasheet
83Kb / 8P
SAW filter GPS
B9444 EPCOS-B9444 Datasheet
83Kb / 8P
SAW GPS filter
logo
TDK Electronics
B39162B9444M410 TDK-B39162B9444M410 Datasheet
112Kb / 8P
SAW GPS filter
logo
Transko Electronics, In...
TA1209AM TRANSKO-TA1209AM Datasheet
425Kb / 4P
GPS, RF SAW Filter
Revision 0: July 2008
TA1575GJ TRANSKO-TA1575GJ Datasheet
429Kb / 4P
GPS, RF SAW Filter
Revision 0: June 2005
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com