Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

486-1908 Datasheet (PDF) - Schurter Inc.

486-1908 Datasheet PDF - Schurter Inc.
Part # 486-1908
Download  486-1908 Download
File Size   274.74 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC

486-1908 Datasheet (PDF)

Go To PDF Page Download Datasheet
486-1908 Datasheet PDF - Schurter Inc.

Part # 486-1908
Download  486-1908 Click to download

File Size   274.74 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC

486-1908 Datasheet (HTML) - Schurter Inc.




Similar Part No. - 486-1908

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
486-1922 SCHURTER-486-1922 Datasheet
438Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
486-1922-ND SCHURTER-486-1922-ND Datasheet
438Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
486-1923 SCHURTER-486-1923 Datasheet
438Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
486-1923-ND SCHURTER-486-1923-ND Datasheet
438Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
486-1924 SCHURTER-486-1924 Datasheet
438Kb / 3P
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
More results


Similar Description - 486-1908

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
172600 SCHURTER-172600 Datasheet
351Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
00343401 SCHURTER-00343401 Datasheet
298Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
172600 SCHURTER-172600_18 Datasheet
184Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
234Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
244Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32_V01 Datasheet
186Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
172600 SCHURTER-172600_V02 Datasheet
179Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
04.01.2022
FST6.3X32 SCHURTER-FST6.3X32_V02 Datasheet
213Kb / 4P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
09.12.2021
FST6.3X32UL SCHURTER-FST6.3X32UL_V02 Datasheet
180Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com