Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13-000190 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH

13-000190 Datasheet PDF - CONEC Elektronische Bauelemente GmbH
Part # 13-000190
Download  13-000190 Download
File Size   190.15 Kbytes
Page   1 Pages
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH
Description MICRO TCA SINGLE PORT FEMALE, CRIMP STYLE

13-000190 Datasheet (PDF)

Go To PDF Page Download Datasheet
13-000190 Datasheet PDF - CONEC Elektronische Bauelemente GmbH

Part # 13-000190
Download  13-000190 Click to download

File Size   190.15 Kbytes
Page   1 Pages
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH
Description MICRO TCA SINGLE PORT FEMALE, CRIMP STYLE

13-000190 Datasheet (HTML) - CONEC Elektronische Bauelemente GmbH




Similar Part No. - 13-000190

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
13-000101 CONEC-13-000101 Datasheet
155Kb / 2P
MicroTCA Single Port 90° Power Module Input Connector Male with threaded insert, metal bracket and snap
14.06.07
13-000111 CONEC-13-000111 Datasheet
228Kb / 2P
Micro TCA Single Port Power Module Input Connector Male with threaded spacer clip and hex bolt
15.06.07
13-000121 CONEC-13-000121 Datasheet
221Kb / 2P
Micro TCA Single Port Power Module Input Connector Male with threaded spacer clip
15.06.07
13-000131 CONEC-13-000131 Datasheet
204Kb / 1P
Micro TCA Single Port SOCKET CONTACT SOLDER CUP 30A FOR CABLE AWG 10 - 12
19.06.07
13-000141 CONEC-13-000141 Datasheet
201Kb / 1P
Micro TCA Single Port SOCKET CONTACT SOLDER CUP 20A FOR CABLE AWG 12 - 14
19.06.07
More results


Similar Description - 13-000190

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
13-000201 CONEC-13-000201 Datasheet
193Kb / 1P
MICRO TCA SINGLE PORT, FEMALE CRIMP STYLE WITH WIRE BRIDGE
logo
Molex Electronics Ltd.
0622018626 MOLEX-0622018626 Datasheet
37Kb / 1P
MICRO TCA Press-In Tool
04/01/2021
0621005200 MOLEX-0621005200 Datasheet
27Kb / 1P
Micro TCA Removal Tool
02/17/2022
logo
CONEC Elektronische Bau...
13-000121 CONEC-13-000121 Datasheet
221Kb / 2P
Micro TCA Single Port Power Module Input Connector Male with threaded spacer clip
15.06.07
13-000131 CONEC-13-000131 Datasheet
204Kb / 1P
Micro TCA Single Port SOCKET CONTACT SOLDER CUP 30A FOR CABLE AWG 10 - 12
19.06.07
13-000141 CONEC-13-000141 Datasheet
201Kb / 1P
Micro TCA Single Port SOCKET CONTACT SOLDER CUP 20A FOR CABLE AWG 12 - 14
19.06.07
13-000151 CONEC-13-000151 Datasheet
198Kb / 1P
Micro TCA Single Port SOCKET CONTACT SOLDER CUP 10A FOR CABLE AWG 16 - 20
19.06.07
13-000161 CONEC-13-000161 Datasheet
121Kb / 1P
Micro TCA Single Port Female, Solder Cup for cable AWG 10 - 12 with wire bridge on signal contacts
19.06.07
13-000171 CONEC-13-000171 Datasheet
204Kb / 1P
Micro TCA Single Port Female, Solder Cup for cable AWG 12 - 14 with wire bridge on signal contacts
19.06.07
13-000181 CONEC-13-000181 Datasheet
200Kb / 1P
NOT Micro TCA Single Port Female, Solder Cup for cable AWG 16 - 20 with wire bridge on signal contacts
19.06.07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com