Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68SC302 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68SC302 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68SC302
Download  MC68SC302 Download
File Size   1195.55 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Passive ISDN Protocol Engine

MC68SC302 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68SC302 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68SC302
Download  MC68SC302 Click to download

File Size   1195.55 Kbytes
Page   8 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Passive ISDN Protocol Engine

MC68SC302 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68SC302 Product details

Passive ISDN Protocol Engine



The MC68SC302 Passive ISDN Protocol Engine (PIPE) is a communication controller optimized for ISDN passive cards, with an ISA PNP interface and a PCMCIA slave interface. The MC68SC302 is a descendant of the popular MC68302 Integrated Multiprotocol Processor. The microcoded RISC communications processor from the 68302 was modified to form the core of the 68SC302.



MC68SC302 KEY FEATURES

• ISA Bus Interface

— ISA Plug and Play Interface

— Glueless Connections to ISA

— 24mA Buffers for ISA Bus Pins

— Full Support of Plug and Play Standard

— All Chip Registers Accessed from ISA Bus.

— Support for 8- or 16-bit I/O or Memory ISA Cycles

— 11 Selectable Interrupt Output Pins to ISA Bus.

— Additional Chip Select Allows Another Device to Be Accessed from the ISA Bus.

— Plug and Play Register Settings Stored in External Low Cost E2PROM.

• PCMCIA Interface

— PC Card 95 Compatible

— Two CIS Storage Options:

    • CIS stored in Serial E2PROM and Downloaded At Runtime to Internal Dual Port RAM

    • CIS Optionally Stored in Parallel E2PROM on the PC Card Bus with Dedicated Chip Select, Saving Dual Port RAM Buffer Space and Always Available for PC Accesses.

— Memory Mode Accesses Supported (I/O Not Supported)

— Supports 8- or 16-bit Memory Cycles

— Supports Ring Detect through Status Change Pin

— Additional Chip Select Allows Another Device to be Address Mapped on the PC Card Bus.

• ISDN Communications Processor

— Requires No External (Local) RAM

— Flexible Channel Handling

— RISC Processor Decreases CPU Load with Flexible Buffer Descriptor Structure and HDLC

Capability (UART Mode Not Supported).

— Totally Independent Programming for Rx/Tx for each of the B and D Channels

— Supports Any Sub-Channeling for Each of the B Channels

— Enables a Concatenation of 2 B Channels (or Any Selected Bits) to a Super-Channel

— HDLC with Retry Capability for the D Channel

— Allows Dynamic Connection/Disconnection for each of the B Channels

— Total 1536KB Dual Port RAM Divided into Parameter and Data Buffer RAM

— 256 Byte Parameter RAM (As in PM302)

— 1280 Byte Data RAM with Efficient FIFO Organization and Flexible Buffer Size

— Independent Programmable Channel FIFO Length, if Split Equally:

• 4 x 256 Bytes FIFO for B1 and B2 Channel (Rx/Tx)

• 2 x 64 Bytes FIFO for D Channel (Rx/Tx)

— Glueless Interface to Freescale and Other Popular ISDN S/T and U Interface Chips

— Supports Freescale Interchip Digital Link (IDL)

— Supports General Circuit Interface (GCI), Also Known as IOM-21

— Includes Serial Communication Port (SCP) for Synchronous Communication

— Includes one SMC That Can Support Both the C/I and Monitor Channel of GCI

— Two Strobes Support Time-Slot Assignment of Non-Intelligent Peripherals

— Only One Crystal Required for TA Application.

— Clock Output (CLKO) Generation from a Crystal. CLKO Can Be Connected to S/T XTAL Input.

— Clock Input for U-Chip (MC145572) can be Used to Drive SC302



 




Similar Part No. - MC68SC302

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68SC302 NXP-MC68SC302 Datasheet
379Kb / 8P
Passive ISDN Protocol Engine
MC68SC302PU20 NXP-MC68SC302PU20 Datasheet
379Kb / 8P
Passive ISDN Protocol Engine
MC68SC302UM/AD NXP-MC68SC302UM/AD Datasheet
379Kb / 8P
Passive ISDN Protocol Engine
More results


Similar Description - MC68SC302

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
logo
List of Unclassifed Man...
SPDS106A ETC1-SPDS106A Datasheet
544Kb / 14P
VOICE ENGINE
logo
CML Microcircuits
CMX208 CMLMICRO-CMX208 Datasheet
337Kb / 25P
ISDN Dual Telephony Protocol Engine
CMX218 CMLMICRO-CMX218 Datasheet
354Kb / 34P
ISDN Data/Telephony Protocol Engine
CMX228 CMLMICRO-CMX228 Datasheet
362Kb / 38P
ISDN Protocol Engine with D - channel Data
logo
Freescale Semiconductor...
TWR-MPC8309 FREESCALE-TWR-MPC8309 Datasheet
1Mb / 8P
PowerQUICC Processor with Industrial Connectivity and Protocol Off-Load Engine
logo
JILIN SINO-MICROELECTRO...
TIP122 JSMC-TIP122 Datasheet
214Kb / 5P
Engine ignition
TIP127 JSMC-TIP127 Datasheet
211Kb / 5P
Engine ignition
logo
Generalplus Technology ...
GPDS301A GENERALPLUS-GPDS301A Datasheet
321Kb / 10P
Voice Engine
logo
NXP Semiconductors
MC68SC302 NXP-MC68SC302 Datasheet
379Kb / 8P
Passive ISDN Protocol Engine
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com