Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2104 Datasheet (PDF) - RF Micro Devices

RF2104 Datasheet PDF - RF Micro Devices
Part # RF2104
Download  RF2104 Download
File Size   112.62 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description MEDIUM POWER AMPLIFIER

RF2104 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2104 Datasheet PDF - RF Micro Devices

Part # RF2104
Download  RF2104 Click to download

File Size   112.62 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description MEDIUM POWER AMPLIFIER

RF2104 Datasheet (HTML) - RF Micro Devices


RF2104 Product details

Product Description
The RF2104 is a medium power amplifier IC. The device is manufactured on a low cost Silicon process, and has been designed for use as the final RF amplifier in UHF radio transmitters operating between 400MHz and 1000MHz. It may also be used as a driver amplifier in higher power applications. The device is packaged in a plastic quad-batwing 16-lead package, and is self-contained with the exception of the output matching network, power supply feed line, and bypass capacitors.

Features
• 400MHz to 1000MHz Operation
• Up to 500mW CW Output Power
• 26dB Small Signal Gain
• 40dB Gain Control Range
• Single 2.7V to 3.6V Supply
• 40% Efficiency

Typical Applications
• 900MHz ISM Band Applications
• 400MHz Industrial Radios
• Driver for Higher Power Applications
• Portable Battery-Powered Equipment
• Commercial and Consumer Systems
• Base Station Equipment




Similar Part No. - RF2104

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103PPCBA RFMD-RF2103PPCBA Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103PPCBA-41X RFMD-RF2103PPCBA-41X Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P_06 Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
More results


Similar Description - RF2104

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com