Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2105L Datasheet (PDF) - RF Micro Devices

RF2105L Datasheet PDF - RF Micro Devices
Part # RF2105L
Download  RF2105L Download
File Size   70.27 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH POWER LINEAR UHF AMPLIFIER

RF2105L Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2105L Datasheet PDF - RF Micro Devices

Part # RF2105L
Download  RF2105L Click to download

File Size   70.27 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH POWER LINEAR UHF AMPLIFIER

RF2105L Datasheet (HTML) - RF Micro Devices


RF2105L Product details

Product Description
The RF2105L is a high power, high efficiency linear amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in digital cellular phone transmitters or ISM applications requiring linear amplification. It is packaged in a 16-lead ceramic package with a backside ground. The device is self-contained with the exception of the output matching network and power supply feed line.

Features
• Single 2.7V to 6.5V Supply
• Up to 1.2W CW Output Power
• 33dB Small Signal Gain
• 48% Efficiency
• Digitally Controlled Power Down Mode
• Small Package Outline (0.25" x 0.25")

Typical Applications
• 900 MHz ISM Band Applications
• 400 MHz Industrial Radios
• Digital Communication Systems
• Driver Stage for Higher Power Applications
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2105L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103PPCBA RFMD-RF2103PPCBA Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103PPCBA-41X RFMD-RF2103PPCBA-41X Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P_06 Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
More results


Similar Description - RF2105L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHL8115 MOTOROLA-MHL8115 Datasheet
50Kb / 4P
UHF Linear Amplifier
MHL9125 MOTOROLA-MHL9125 Datasheet
50Kb / 4P
UHF Linear Amplifier
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
UHF LINEAR POWER TRANSISTOR
logo
NXP Semiconductors
BLW33 PHILIPS-BLW33 Datasheet
81Kb / 12P
UHF linear power transistor
August 1986
BLW34 PHILIPS-BLW34 Datasheet
80Kb / 12P
UHF linear power transistor
August 1986
logo
RF Micro Devices
RF2115L RFMD-RF2115L Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
logo
DAICO Industries, Inc.
CAMH9120 DAICO-CAMH9120 Datasheet
155Kb / 1P
UHF High Power Amplifier
logo
New Jersey Semi-Conduct...
BLV59 NJSEMI-BLV59 Datasheet
134Kb / 4P
UHF linear power transistor
TPV595A NJSEMI-TPV595A Datasheet
96Kb / 2P
UHF Linear Power Transistor
TPV598 NJSEMI-TPV598 Datasheet
76Kb / 2P
UHF Linear Power Transistor
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com