Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4460US Datasheet (PDF) - Semtech Corporation

1N4460US Datasheet PDF - Semtech Corporation
Part # 1N4460US
Download  1N4460US Download
File Size   72.15 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Surface Mount(US) 1.5 WATT Voltage Regulators

1N4460US Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4460US Datasheet PDF - Semtech Corporation

Part # 1N4460US
Download  1N4460US Click to download

File Size   72.15 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Surface Mount(US) 1.5 WATT Voltage Regulators

1N4460US Datasheet (HTML) - Semtech Corporation


1N4460US Product details

Description
Quick reference data
VR = 6.2 - 200V
IZ(MAX) = 7.2mA- 230mA
ZZ = 4Ω - 1500Ω
IR = 0.05µA- 10µA

Features
◆ Low dynamic impedance
◆ Hermetically sealed.
◆ 1.5 Watt applications
◆ Low reverse leakage currents
◆ Small package
◆ Thermal Resistance to end cap RøJEC = 18 C/W




Similar Part No. - 1N4460US

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4460US CDI-DIODE-1N4460US Datasheet
107Kb / 2P
1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460US MICROSEMI-1N4460US Datasheet
64Kb / 2P
1.5 WATT GLASS ZENER DIODES
1N4460US MICROSEMI-1N4460US Datasheet
130Kb / 2P
1.5 WATT ZENER DIODES
More results


Similar Description - 1N4460US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMB5913BT3 ONSEMI-1SMB5913BT3_06 Datasheet
72Kb / 6P
3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
logo
Semtech Corporation
1N4954US SEMTECH-1N4954US_10 Datasheet
72Kb / 3P
Surface Mount(US),5 WATT Voltage Regulators
logo
ON Semiconductor
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
SZ1SMB5936T3G ONSEMI-SZ1SMB5936T3G Datasheet
168Kb / 6P
3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com