Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C300 Datasheet (PDF) - Intronics Power, Inc.

C300 Datasheet PDF - Intronics Power, Inc.
Part # C300
Download  C300 Download
File Size   646.58 Kbytes
Page   4 Pages
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.
Description MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE

C300 Datasheet (PDF)

Go To PDF Page Download Datasheet
C300 Datasheet PDF - Intronics Power, Inc.

Part # C300
Download  C300 Click to download

File Size   646.58 Kbytes
Page   4 Pages
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.
Description MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE

C300 Datasheet (HTML) - Intronics Power, Inc.


C300 Product details

FEATURES

• 16 or 24 pin ceramic dip

• Minimum of external components required

• Easily adjusts for yoke errors

• Accuracy better than 0.5% Max(C312)

• Bandwidth compatible with 10MHz systems

• Both geometry and focus available



 




Similar Part No. - C300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C300 ETC2-C300 Datasheet
696Kb / 4P
MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Coilcraft lnc.
C300 COILCRAFT-C300 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C300 COILCRAFT-C300 Datasheet
100Kb / 1P
Designer’s Kits
C300-2 COILCRAFT-C300-2 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
More results


Similar Description - C300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1134 MOTOROLA-MHW1134 Datasheet
66Kb / 4P
Low Distortion Wideband Amplifiers
logo
Panasonic Semiconductor
AN5441S PANASONIC-AN5441S Datasheet
120Kb / 13P
Deflection distortion correction IC
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
Low Distortion Wideband Op Amp
KH561 FAIRCHILD-KH561 Datasheet
182Kb / 13P
Wideband, Low Distortion Driver Amplifier
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
Wideband, Low Distortion DriveR-Amps
logo
Sanyo Semicon Device
2SC5794 SANYO-2SC5794 Datasheet
53Kb / 3P
CRT DEVICE PLAY
logo
List of Unclassifed Man...
C300 ETC2-C300 Datasheet
696Kb / 4P
MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
Low Distortion Wideband Op Amp
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
Wideband, Low Distortion Driver Amplifier
KH563 CADEKA-KH563 Datasheet
265Kb / 13P
Wideband, Low Distortion Driver Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com