Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2317 Datasheet (PDF) - RF Micro Devices

RF2317 Datasheet PDF - RF Micro Devices
Part # RF2317
Download  RF2317 Download
File Size   151.98 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LINEAR CATV AMPLIFIER

RF2317 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2317 Datasheet PDF - RF Micro Devices

Part # RF2317
Download  RF2317 Click to download

File Size   151.98 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LINEAR CATV AMPLIFIER

RF2317 Datasheet (HTML) - RF Micro Devices


RF2317 Product details

Product Description
The RF2317 is a general purpose, low-cost high-linearity RF amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as an easily cascadable 75Ω gain block. The gain flatness of better than ±0.5dB from 50MHz to 1000MHz, and the high linearity, make this part ideal for cable TV applications. Other applications include IF and RF amplification in wireless voice and data communication products operating in frequency bands up to 3GHz. The device is self-contained with 75Ω input and output impedances and requires only two external DC biasing elements to operate as specified.

Features
■ DC to 3.0GHz Operation
■ Internally Matched Input and Output
■ 15dB Small Signal Gain
■ 4.9dB Noise Figure
■ +47dBm Output IP3
■ Single 9V to 12V Power Supply

Apllications
■ CATV Distribution Amplifiers
■ Cable Modems
■ Broadband Gain Blocks
■ Laser Diode Driver
■ Return Channel Amplifier
■ Base Stations




Similar Part No. - RF2317

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317 Datasheet
365Kb / 12P
LINEAR CATV AMPLIFIER
RF2317PCBA RFMD-RF2317PCBA Datasheet
232Kb / 12P
LINEAR CATV AMPLIFIER
RF2317PCBA RFMD-RF2317PCBA Datasheet
365Kb / 12P
LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317_1 Datasheet
365Kb / 12P
LINEAR CATV AMPLIFIER
More results


Similar Description - RF2317

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
PAW-1024 MACOM-PAW-1024 Datasheet
37Kb / 1P
CATV ULTRA-LINEAR AMPLIFIER
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317_1 Datasheet
365Kb / 12P
LINEAR CATV AMPLIFIER
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM Datasheet
461Kb / 18P
CATV Linear Amplifier
TGA2807-SM TRIQUINT-TGA2807-SM_15 Datasheet
620Kb / 10P
CATV Ultra Linear Gain Amplifier
TGA2806-SM TRIQUINT-TGA2806-SM Datasheet
371Kb / 11P
CATV Linear Amplifier
logo
RF Micro Devices
RF2317 RFMD-RF2317_12 Datasheet
715Kb / 11P
LINEAR CATV AMPLIFIER
logo
American Microsemicondu...
AMS2818C AMMSEMI-AMS2818C Datasheet
563Kb / 1P
1-200MHz 19.0 dB CATV Wideband Linear Amplifier
logo
Advanced Semiconductor ...
AWB317 ASB-AWB317 Datasheet
1Mb / 19P
5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com