Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2449 Datasheet (PDF) - RF Micro Devices

RF2449 Datasheet PDF - RF Micro Devices
Part # RF2449
Download  RF2449 Download
File Size   288.26 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER

RF2449 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2449 Datasheet PDF - RF Micro Devices

Part # RF2449
Download  RF2449 Click to download

File Size   288.26 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER

RF2449 Datasheet (HTML) - RF Micro Devices


RF2449 Product details

Product Description
The RF2449 is a receiver front-end designed for the receive section of dual-mode CDMA/FM cellular applications. It is designed to amplify and downconvert RF signals, while providing 30dB of stepped gain control range.

Features
• Complete Receiver Front-End
• Stepped LNA/Mixer Gain Control
• Adjustable LNA/Mixer Bias Current
• Adjustable LNA/Mixer IIP3
• Digital LNA IIP3 Control
• Meets IS-98 IMD and Single Tone

Typical Applications
• CDMA/FM Cellular Systems
• Supports Dual-Mode CDMA/AMPS
• Supports Dual-Mode CDMA/TACS
• General Purpose Downconverter
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2449

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442 Datasheet
201Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442 Datasheet
311Kb / 12P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442PCBA-H RFMD-RF2442PCBA-H Datasheet
201Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442PCBA-H RFMD-RF2442PCBA-H Datasheet
311Kb / 12P
HIGH-LINEARITY LOW NOISE AMPLIFIER
More results


Similar Description - RF2449

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com