Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2484 Datasheet (PDF) - RF Micro Devices

RF2484 Datasheet PDF - RF Micro Devices
Part # RF2484
Download  RF2484 Download
File Size   156.4 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DIRECT QUADRATURE MODULATOR

RF2484 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2484 Datasheet PDF - RF Micro Devices

Part # RF2484
Download  RF2484 Click to download

File Size   156.4 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DIRECT QUADRATURE MODULATOR

RF2484 Datasheet (HTML) - RF Micro Devices


RF2484 Product details

Product Description
The RF2484 is a monolithic integrated quadrature modulator IC capable of universal direct modulation for highfrequency AM, PM, or compound carriers. This low-cost IC features excellent linearity, noise floor, and over-temperature carrier suppression performance. The device implements differential amplifiers for the modulation inputs, 90° carrier phase shift network, carrier limiting amplifiers, two matched double-balanced mixers, summing amplifier, and an output RF amplifier which will drive 50Ω from 800MHz to 2500MHz. It is packaged in a small industry-standard LCC 16-pin plastic package.

Features
• Typical Carrier Suppression>35dBc, Sideband Suppression>35dBc over temperature with highly linear operation
• Noise Floor better than -152dBm/Hz from 800MHz to 2200MHz
• Single 5V Power Supply

Typical Applications
• Dual-Band CDMA Base Stations
• TDMA/TDMA-EDGE Base Stations
• GSM-EDGE/EGSM Base Stations
• W-CDMA Base Stations
• WLAN and WLL Systems
• GMSK,QPSK,DQPSK,QAM Modulation




Similar Part No. - RF2484

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2484 RFMD-RF2484 Datasheet
185Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2484PCBA-410 RFMD-RF2484PCBA-410 Datasheet
185Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2484PCBA-410 RFMD-RF2484PCBA-410 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
More results


Similar Description - RF2484

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_1 Datasheet
196Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
DIRECT QUADRATURE MODULATOR
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com