Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2488 Datasheet (PDF) - RF Micro Devices

RF2488 Datasheet PDF - RF Micro Devices
Part # RF2488
Download  RF2488 Download
File Size   483.04 Kbytes
Page   22 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description MULTI-MODE DUAL-BAND LNA MIXER

RF2488 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2488 Datasheet PDF - RF Micro Devices

Part # RF2488
Download  RF2488 Click to download

File Size   483.04 Kbytes
Page   22 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description MULTI-MODE DUAL-BAND LNA MIXER

RF2488 Datasheet (HTML) - RF Micro Devices


RF2488 Product details

Product Description
The RF2488 is a dual-band LNA/Mixer designed to support dual-band, multi-mode handset applications. The unique dual IF outputs provide interface to two independent IF SAW filters supporting applications that combine IS136 with GSM, DCS or EDGE air interfaces. The device includes four mixers, providing the ability to use two independent IF bandwidths accessible from either the low or high band LNAs. Each LNA has a gain bypass mode controlled by the GAIN SEL pin. An image reject filter is required between each LNA and its mixer. Power management is implemented based on a three-pin logic level interface. Power consumption is minimized by shutting down all but the active sections of the device.

Features
• Complete Dual-Band Front-End
• Switchable LNA Gain
• Low Noise and High Intercept Point
• Low Current Consumption
• Single 2.7V to 3.3V Power Supply
• Supports Dual IF Bandwidths

Typical Applications
• TDMA/EDGE Handsets
• TDMA IS-136 Handsets
• GAIT Handsets
• TDMA/GSM Dual-Band Handsets
• GSM/DCS/EDGE Handsets




Similar Part No. - RF2488

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
196Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480PCBA RFMD-RF2480PCBA Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
More results


Similar Description - RF2488

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
logo
Sony Corporation
CXG1050TN SONY-CXG1050TN Datasheet
114Kb / 8P
Receiving Dual-Band Mixer
CXG1081TN SONY-CXG1081TN Datasheet
106Kb / 8P
Receiving Dual-Band Mixer
logo
Maxim Integrated Produc...
MAX2320 MAXIM-MAX2320 Datasheet
526Kb / 28P
Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
19-1535; Rev 1; 6/00
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Freescale Semiconductor...
MC13770 FREESCALE-MC13770 Datasheet
390Kb / 8P
Single Band LNA and Mixer FEIC
logo
RF Micro Devices
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
logo
TriQuint Semiconductor
TQP3M6004 TRIQUINT-TQP3M6004_15 Datasheet
244Kb / 12P
Low Band Dual LNA
TQP3M6005 TRIQUINT-TQP3M6005_15 Datasheet
414Kb / 7P
Mid Band Dual LNA
logo
NXP Semiconductors
MC13770 NXP-MC13770 Datasheet
432Kb / 8P
Single Band LNA and Mixer FEIC
Rev. 2, 11/2003
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com