Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3330 Datasheet (PDF) - RF Micro Devices

RF3330 Datasheet PDF - RF Micro Devices
Part # RF3330
Download  RF3330 Download
File Size   143.32 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description IF GAIN CONTROLLED AMPLIFIER

RF3330 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3330 Datasheet PDF - RF Micro Devices

Part # RF3330
Download  RF3330 Click to download

File Size   143.32 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description IF GAIN CONTROLLED AMPLIFIER

RF3330 Datasheet (HTML) - RF Micro Devices


RF3330 Product details

Product Description
The RF3330 is a gain-controlled amplifier suitable for application in the IF receive section of a cable tuner. It consists of a high impedance differential input stage, a low impedance differential output stage, and a differential gain-controlled amplifier. The voltage gain may be varied by applying an analog control voltage. The device is fabricated on an advanced Bi-CMOS process, and is housed in an eight-lead SOT23 package.

Features
• Single 5V Positive Power Supply
• 26dB Gain Range
• 150MHz Bandwidth
• Compact Package

Typical Applications
• CATV Set-Top Boxes
• Cable Modems
• Cable-Ready TVs




Similar Part No. - RF3330

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3330 RFMD-RF3330 Datasheet
163Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330 Datasheet
313Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
RF3330PCBA-41X RFMD-RF3330PCBA-41X Datasheet
163Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
RF3330PCBA-41X RFMD-RF3330PCBA-41X Datasheet
313Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330_06 Datasheet
163Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
More results


Similar Description - RF3330

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
GAIN CONTROLLED IF AMPLIFIER
logo
Infineon Technologies A...
TDA6192 INFINEON-TDA6192 Datasheet
442Kb / 26P
Gain-controlled IF Amplifier
Version 2.1 May 2002
logo
Linear Technology
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
logo
RF Micro Devices
RF3330 RFMD-RF3330_06 Datasheet
163Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330_1 Datasheet
313Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
Gain Block IF Amplifier
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com