Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2144 Datasheet (PDF) - Rohm

D2144 Datasheet PDF - Rohm
Part # D2144
Download  D2144 Download
File Size   132.83 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-current Gain MediumPower Transistor (20V, 0.5A)

D2144 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2144 Datasheet PDF - Rohm

Part # D2144
Download  D2144 Click to download

File Size   132.83 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-current Gain MediumPower Transistor (20V, 0.5A)

D2144 Datasheet (HTML) - Rohm


D2144 Product details

Features
1) High DC current gain.
   hFE = 1200 (Typ.)
2) High emitter-base voltage.
   VEBO =12V (Min.)
3) Low VCE (sat).
   VCE (sat) = 0.18V (Typ.)
   (IC / IB = 500mA / 20mA)




Similar Part No. - D2144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D214 ETC1-D214 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D214 MPD-D214 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Nell Semiconductor Co.,...
D2140D NELLSEMI-D2140D Datasheet
225Kb / 5P
High voltage ratings up to 3600V
logo
Sanken electric
D2141 SANKEN-D2141 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Rohm
D2143 ROHM-D2143 Datasheet
163Kb / 3P
Medium Power Transistor
More results


Similar Description - D2144

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2114K ROHM-2SD2114K_1 Datasheet
99Kb / 5P
High-current Gain Medium Power Transistor (20V, 0.5A)
logo
Zetex Semiconductors
ZXTP19020DG ZETEX-ZXTP19020DG Datasheet
337Kb / 8P
20V PNP high gain transistor
ZXTP25012EZ ZETEX-ZXTP25012EZ Datasheet
387Kb / 8P
20V PNP high gain transistor
ZXTP25020DZ ZETEX-ZXTP25020DZ Datasheet
390Kb / 8P
20V PNP high gain transistor
ZXTN19020DZ ZETEX-ZXTN19020DZ Datasheet
416Kb / 8P
20V NPN high gain transistor
logo
Rohm
2SD2114KS ROHM-2SD2114KS Datasheet
96Kb / 5P
High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146W ROHM-2SD2114KT146W Datasheet
112Kb / 4P
High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2144STPU ROHM-2SD2144STPU Datasheet
112Kb / 4P
High-current Gain Medium Power Transistor (20V, 0.5A)
2SD2114KT146V ROHM-2SD2114KT146V Datasheet
112Kb / 4P
High-current Gain Medium Power Transistor (20V, 0.5A)
logo
List of Unclassifed Man...
2SD2144 ETC-2SD2144 Datasheet
132Kb / 4P
High-current Gain Medium Power Transistor (20V, 0.5A) 2SD2114K / 2SD2144S
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com