Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3019 Datasheet (PDF) - Rohm

2SK3019 Datasheet PDF - Rohm
Part # 2SK3019
Download  2SK3019 Download
File Size   87.75 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Small switching (30V, 0.1A)

2SK3019 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3019 Datasheet PDF - Rohm

Part # 2SK3019
Download  2SK3019 Click to download

File Size   87.75 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Small switching (30V, 0.1A)

2SK3019 Datasheet (HTML) - Rohm


2SK3019 Product details

Small switching (30V, 0.1A)

Features
1) Low on-resistance.
2) Fast switching speed.
3) Low voltage drive (2.5V) makes this device ideal for portable equipment.
4) Easily designed drive circuits.
5) Easy to parallel.

Applications
   Interfacing, switching (30V, 100mA)

Structure
   Silicon N-channel MOSFET




Similar Part No. - 2SK3019

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
89Kb / 4P
2.5V Drive Nch MOS FET
2SK3019 ROHM-2SK3019 Datasheet
76Kb / 4P
2.5V Drive Nch MOS FET
logo
Guangdong Kexin Industr...
2SK3019 KEXIN-2SK3019 Datasheet
1,002Kb / 3P
N-Channel MOSFET
logo
Jiangsu Changjiang Elec...
2SK3019 JIANGSU-2SK3019 Datasheet
1Mb / 5P
N-channel MOSFET
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
78Kb / 4P
2.5V Drive Nch MOS FET
More results


Similar Description - 2SK3019

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 5P
Small switching (30V, 0.1A)
UM6K1N ROHM-UM6K1N Datasheet
108Kb / 4P
Small switching (30V, 0.1A)
2SK3541 ROHM-2SK3541 Datasheet
86Kb / 5P
Small switching (30V, 0.1A)
EM6K1 ROHM-EM6K1 Datasheet
85Kb / 4P
Small switching (30V, 0.1A)
QS5U17 ROHM-QS5U17 Datasheet
91Kb / 5P
Small switching (30V, 2.0A)
QS5U12 ROHM-QS5U12 Datasheet
91Kb / 5P
Small switching (30V, 2.0A)
QS5U16 ROHM-QS5U16 Datasheet
91Kb / 5P
Small switching (30V, 2.0A)
QS5U13 ROHM-QS5U13 Datasheet
66Kb / 5P
Small switching (30V, 2.0A)
UM5K1N ROHM-UM5K1N Datasheet
86Kb / 5P
Small switching (30V, 0.1A)
logo
SUNMATE electronic Co.,...
1S1553 SUNMATE-1S1553 Datasheet
133Kb / 1P
0.1A Axial Leaded Small Signal Switching Diode
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com