Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6235F Datasheet (PDF) - Rohm

BA6235F Datasheet PDF - Rohm
Part # BA6235F
Download  BA6235F Download
File Size   38.29 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 3V electronic governor

BA6235F Datasheet (PDF)

Go To PDF Page Download Datasheet
BA6235F Datasheet PDF - Rohm

Part # BA6235F
Download  BA6235F Click to download

File Size   38.29 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 3V electronic governor

BA6235F Datasheet (HTML) - Rohm


BA6235F Product details

3V electronic governor



The BA6235F is an IC for controlling the speed of low voltage DC motors. It consists of a reference voltage generator, current multiplier, and DC amplifier. The speed of DC motor is controlled by detecting the counter-electromotive force generated by the motor. Various DC motors can be driven by changing the external CR time constants.



Features

1) Wide range of operating voltage. (1.8  5V)

2) Low current consumption. (IQ = 2.0mA)


3) Various DC motors can be driven by changing the external CR time constants.



Applications

3V radio cassette tape recorders

Micro-cassette tape recorders


 




Similar Part No. - BA6235F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA623 ETC1-BA623 Datasheet
163Kb / 1P
Silicljeve planarne signalne diode Silicon planar signal diodes
logo
Rohm
BA6238 ROHM-BA6238 Datasheet
151Kb / 8P
2-channel reversible motor driver
logo
List of Unclassifed Man...
BA6238 ETC2-BA6238 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA6238A ROHM-BA6238A Datasheet
151Kb / 8P
2-channel reversible motor driver
BA6238A ROHM-BA6238A Datasheet
282Kb / 5P
Reversible Motor Driver for 2 motors
More results


Similar Description - BA6235F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6220 ROHM-BA6220 Datasheet
43Kb / 3P
General use electronic governor
logo
Sanyo Semicon Device
2SA1703 SANYO-2SA1703 Datasheet
107Kb / 4P
Low-Frequency Amp, Electronic Governor Applications??????
2SB1119 SANYO-2SB1119 Datasheet
85Kb / 3P
LF Amp,Electronic Governor Applications
logo
Sony Corporation
CXA1635S SONY-CXA1635S Datasheet
253Kb / 14P
STEREO PRE-AMPLIFIER/POWER-AMPLIGIER WITH 3V GOVERNOR
logo
Sanyo Semicon Device
2SB544 SANYO-2SB544 Datasheet
445Kb / 5P
Low-Frequency Power Amp, Electronic Governor Applications
logo
Wuxi Youda electronics ...
YD6220 YOUDA-YD6220 Datasheet
134Kb / 3P
GENERAL USE ELECTRONIC GOVERNOR
logo
Unisonic Technologies
BA6220 UTC-BA6220 Datasheet
117Kb / 5P
GENERAL USE ELECTRONIC GOVERNOR
BA6220 UTC-BA6220_12 Datasheet
177Kb / 5P
GENERAL USE ELECTRONIC GOVERNOR
BA6220 UTC-BA6220_15 Datasheet
190Kb / 5P
GENERAL USE ELECTRONIC GOVERNOR
logo
Rohm
BA6227 ROHM-BA6227 Datasheet
138Kb / 2P
3V Electric Governor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com