Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7664 Datasheet (PDF) - Rohm

BA7664 Datasheet PDF - Rohm
Part # BA7664
Download  BA7664 Download
File Size   79.71 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 75??driver with Y / C MIX circuit

BA7664 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA7664 Datasheet PDF - Rohm

Part # BA7664
Download  BA7664 Click to download

File Size   79.71 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 75??driver with Y / C MIX circuit

BA7664 Datasheet (HTML) - Rohm


BA7664 Product details

The BA7664FV is a 75Ω driver with a 6dB amplifier and a Y / C MIX circuit. The 75Ω driver is capable of driving a load sufficient for two circuits, as well as being equipped with a sag correction function which reduces the capacitance of the output coupling capacitor. The IC comes in the compact 8-pin SSOP-B package. The composite Y signal input pin is sync chip clamped input, while the chrominance input pin is bias input. An internal power-saving circuit is also included which provides an output muting function and output pin shorting protection.

Features
1) The compact 8-pin SSOP-B package is used.
2) Operates at a low power consumption (60mW Typ.).
3) Internal Y / C MIX circuit.
4) Internal output muting circuit.
5) Internal power-saving circuit.
6) Internal output protection circuit.
7) Internal sag correction function makes it possible to reduce the capacitance of the output coupling capacitor.
8) A load sufficient for two circuits can be driven.

Applications
    Video cameras, electronic cameras and others




Similar Part No. - BA7664

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7664AFV ROHM-BA7664AFV Datasheet
242Kb / 6P
1ch 75ohm driver for DVD (Y/C MIX Type)
BA7664AFV ROHM-BA7664AFV Datasheet
207Kb / 5P
Y/C MIX Circuit built-in Video Driver
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
Y/C MIX Circuit built-in Video Driver
More results


Similar Description - BA7664

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7665FS ROHM-BA7665FS Datasheet
91Kb / 8P
3-channel 75??driver with Y / C MIX
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
Video Switch 쨌 75??driver 쨌 Y/C mix
MM1188 MITSUMI-MM1188 Datasheet
117Kb / 5P
3-Input 1-Output Video Switch (with Y-C mix)
logo
New Japan Radio
NJM2567 NJRC-NJM2567 Datasheet
75Kb / 5P
Low Voltage Video Amplifier with Y/C MIX and Filter
logo
Rohm
BA7664AFV ROHM-BA7664AFV Datasheet
242Kb / 6P
1ch 75ohm driver for DVD (Y/C MIX Type)
BA7665AFS ROHM-BA7665AFS Datasheet
246Kb / 6P
3 channel 75ohm driver for DVD (Y/C MIX Type)
logo
New Japan Radio
NJM2570A NJRC-NJM2570A Datasheet
79Kb / 7P
75??Driver with Filter and Y/C MIX
logo
Agamem Microelectronic ...
AA8600AP AGAMEM-AA8600AP Datasheet
172Kb / 7P
Y/C MIX
logo
Rohm
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
Y/C MIX Circuit built-in Video Driver
logo
Agamem Microelectronic ...
AA8600 AGAMEM-AA8600 Datasheet
43Kb / 1P
VIDEO Y/C MIX
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com