Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA829 Datasheet (PDF) - Rohm

BA829 Datasheet PDF - Rohm
Part # BA829
Download  BA829 Download
File Size   81.39 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 8-bit, serial IN, parallel OUT driver

BA829 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA829 Datasheet PDF - Rohm

Part # BA829
Download  BA829 Click to download

File Size   81.39 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 8-bit, serial IN, parallel OUT driver

BA829 Datasheet (HTML) - Rohm


BA829 Product details

● Description

Serial-in-parallel-out driver is a constant-current output driver with a built-in shift register and a latch circuit to turn on a maximum of 8 LED by a 5-line interface linked to a microcontroller. Output current value of constant-current can be set up to a maximum of 300mA.



● Features

1) This product can drive a maximum of 300mA.

2) When the strobe terminal is controlled by the drive timing pulse, current during a period without driving can be reduced.

3) When the data output terminal is used as the next input data, cascade connection becomes possible.

4) Digital ground and power ground are separated.

5) Latch is built in between the shift register and the driver output.

6) Stand-by function is incorporated. (10μA Typ. upon standby)



● Applications

   For AV equipment such as, component stereo sets, videos and TV sets, PCs, and control microcontroller mounted equipment.



 




Similar Part No. - BA829

ManufacturerPart #DatasheetDescription
logo
Rohm
BA829 ROHM-BA829 Datasheet
246Kb / 8P
Serial / Parallel 5-input Driver
BA82901YF-C ROHM-BA82901YF-C Datasheet
2Mb / 31P
Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YF-CE2 ROHM-BA82901YF-CE2 Datasheet
2Mb / 31P
Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YFV-C ROHM-BA82901YFV-C Datasheet
2Mb / 31P
Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YFV-CE2 ROHM-BA82901YFV-CE2 Datasheet
2Mb / 31P
Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
More results


Similar Description - BA829

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
8-bit serial in, parallel out driver IC
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
12-bit, serial IN, parallel OUT driver
logo
Fairchild Semiconductor
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
8-Bit Serial-In, Parallel-Out Shift Register
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
8-Bit Serial In/Parallel Out Shift Register
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
8-bit Serial-in Parallel-out LED Driver IC
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com