Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BR24C16 Datasheet (PDF) - Rohm

BR24C16 Datasheet PDF - Rohm
Part # BR24C16
Download  BR24C16 Download
File Size   298.61 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description I2C BUS compatible serial EEPROM

BR24C16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR24C16 Datasheet PDF - Rohm

Part # BR24C16
Download  BR24C16 Click to download

File Size   298.61 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description I2C BUS compatible serial EEPROM

BR24C16 Datasheet (HTML) - Rohm


BR24C16 Product details

The BR24C08, BR24C16 and BR24E16 series are 2-wire (I2C BUS type) serial EEPROMs which are electrically programmable.

Features
1) 1k x 8 bits serial EEPROM. (BR24C08 / F / FJ / FV) 2k x 8 bits serial EEPROM. (BR24C16 / F / FJ / FV, BR24E16 / F / FJ / FV)
2) Two wire serial interface. (2Byte Address : BR24E16)
3) Operating voltage range : 2.7V∼5.5V
4) Low current consumption
    Active (at 5V) : 2.0mA (Typ.)
    Standby (at 5V) : 1.0µA (Typ.)
5) Auto erase and auto complete functions can be used during write operations.
6) Page write function : 16byte
7) DATA security Write protect feature Inhibit to WRITE at low Vcc
8) Noise filters at SCL and SDA pins.
9) Address can be incremented automatically during read operations.
10) Compact packages.
11) Rewriting possible up to 100,000 times.
12) Data can be stored for ten years without corruption.




Similar Part No. - BR24C16

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C16-DS6TP ROHM-BR24C16-DS6TP Datasheet
319Kb / 6P
Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C16-DW6TP ROHM-BR24C16-DW6TP Datasheet
319Kb / 6P
Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C16-MN6TP ROHM-BR24C16-MN6TP Datasheet
319Kb / 6P
Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C16-RDS6TP ROHM-BR24C16-RDS6TP Datasheet
318Kb / 6P
Supply voltage 1.8V~5.5V/Operating temperature ~40C~85C type
BR24C16-RDW6TP ROHM-BR24C16-RDW6TP Datasheet
318Kb / 6P
Supply voltage 1.8V~5.5V/Operating temperature ~40C~85C type
More results


Similar Description - BR24C16

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
I2C BUS compatible serial EEPROM
logo
ATMEL Corporation
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
I2C-Compatible (2-wire) Serial EEPROM
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
I2C-Compatible, (2-Wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com