Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

319211A Datasheet (PDF) - Molex Electronics Ltd.

319211A Datasheet PDF - Molex Electronics Ltd.
Part # 319211A
Download  319211A Download
File Size   377.78 Kbytes
Page   3 Pages
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch KK짰

319211A Datasheet (PDF)

Go To PDF Page Download Datasheet
319211A Datasheet PDF - Molex Electronics Ltd.

Part # 319211A
Download  319211A Click to download

File Size   377.78 Kbytes
Page   3 Pages
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch KK짰

319211A Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 319211A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
319211B MOLEX3-319211B Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 11 Circuits, Tin (Sn) Plating
319211B MOLEX11-319211B Datasheet
71Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical Round Pin, 11 Circuits, Tin (Sn) Plating, with Mating Pin Length of 16.18mm (.637")
More results


Similar Description - 319211A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0009071030 MOLEX1-0009071030 Datasheet
220Kb / 14P
3.96mm (.156") KK짰 IDT Trifurcon?
0009507111 MOLEX1-0009507111 Datasheet
202Kb / 3P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, 11 Circuits
0009507091 MOLEX1-0009507091 Datasheet
202Kb / 3P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, 9 Circuits
0009508090 MOLEX1-0009508090 Datasheet
298Kb / 3P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing, 9 Circuits
0026202042 MOLEX3-0026202042 Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK짰
0026482036 MOLEX3-0026482036 Datasheet
382Kb / 12P
3.96mm (.156") Pitch KK짰
0026232061 MOLEX3-0026232061 Datasheet
95Kb / 3P
3.96mm (.156") Pitch KK짰
0026034111 MOLEX3-0026034111 Datasheet
424Kb / 4P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
0026033101 MOLEX3-0026033101 Datasheet
424Kb / 4P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
0026033031 MOLEX3-0026033031 Datasheet
424Kb / 4P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com