Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

319005A Datasheet (PDF) - Molex Electronics Ltd.

319005A Datasheet PDF - Molex Electronics Ltd.
Part # 319005A
Download  319005A Download
File Size   238.69 Kbytes
Page   3 Pages
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 5 Circuits, Tin (Sn) Plating

319005A Datasheet (PDF)

Go To PDF Page Download Datasheet
319005A Datasheet PDF - Molex Electronics Ltd.

Part # 319005A
Download  319005A Click to download

File Size   238.69 Kbytes
Page   3 Pages
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 5 Circuits, Tin (Sn) Plating

319005A Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 319005A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
319005A MOLEX11-319005A Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 5 Circuits, Tin (Sn) Plating
319005AG MOLEX3-319005AG Datasheet
98Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 5 Circuits, Gold (Au) Plating
More results


Similar Description - 319005A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026192151 MOLEX3-0026192151 Datasheet
238Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 15 Circuits, Tin (Sn) Plating
0026192121 MOLEX3-0026192121 Datasheet
238Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 12 Circuits, Tin (Sn) Plating
0026222051 MOLEX3-0026222051 Datasheet
98Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 5 Circuits, Gold (Au) Plating
0026192041 MOLEX3-0026192041 Datasheet
238Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 4 Circuits, Tin (Sn) Plating
0026192111 MOLEX3-0026192111 Datasheet
238Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 11 Circuits, Tin (Sn) Plating
0026192131 MOLEX3-0026192131 Datasheet
238Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 13 Circuits, Tin (Sn) Plating
0026192091 MOLEX3-0026192091 Datasheet
238Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 9 Circuits, Tin (Sn) Plating
0026192181 MOLEX3-0026192181 Datasheet
238Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 18 Circuits, Tin (Sn) Plating
26-19-2041 MOLEX11-26-19-2041 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 4 Circuits, Tin (Sn) Plating
26-19-2051 MOLEX11-26-19-2051 Datasheet
72Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 5 Circuits, Tin (Sn) Plating
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com