Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLB-25YY Datasheet (PDF) - Rohm

SLB-25YY Datasheet PDF - Rohm
Part # SLB-25YY
Download  SLB-25YY Download
File Size   227.65 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Standard Type Square Type LED Lamps

SLB-25YY Datasheet (PDF)

Go To PDF Page Download Datasheet
SLB-25YY Datasheet PDF - Rohm

Part # SLB-25YY
Download  SLB-25YY Click to download

File Size   227.65 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Standard Type Square Type LED Lamps

SLB-25YY Datasheet (HTML) - Rohm


SLB-25YY Product details

SLB-25 Series

Small rectangular LEDs (2 x 5 mm)



Features

・Viewing angle 2θ1/2 : 160°




Similar Part No. - SLB-25YY

ManufacturerPart #DatasheetDescription
logo
Rohm
SLB-25YY ROHM-SLB-25YY Datasheet
129Kb / 3P
SLB-25 Series
More results


Similar Description - SLB-25YY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
583SURD EVERLIGHT-583SURD Datasheet
78Kb / 4P
5.0*5.0mm Square Type LED Lamps
logo
LIGITEK electronics co....
L12UY9653R-30B-AM LIGITEK-L12UY9653R-30B-AM Datasheet
111Kb / 6P
SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653-30B LIGITEK-LURF9653-30B Datasheet
126Kb / 7P
SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653S-30B LIGITEK-LURF9653S-30B Datasheet
111Kb / 6P
SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-30B LIGITEK-LUY9653H-30B Datasheet
112Kb / 6P
SQUARE WITH 4LEADS TYPE LED LAMPS
LUY9653H-50A LIGITEK-LUY9653H-50A Datasheet
113Kb / 6P
SQUARE WITH 4LEADS TYPE LED LAMPS
LDBK9653-00 LIGITEK-LDBK9653-00 Datasheet
126Kb / 7P
SQUARE WITH 4LEADS TYPE LED LAMPS
logo
Everlight Electronics C...
583SYGD-S530-E2 EVERLIGHT-583SYGD-S530-E2 Datasheet
116Kb / 6P
5.0*5.0mm Square Type LED Lamps
logo
BetLux Electronics
BL-L55 BETLUX-BL-L55 Datasheet
230Kb / 4P
5mm square type LED Lamps
REV NO: V.2
logo
Everlight Electronics C...
583UYD-S530-A3 EVERLIGHT-583UYD-S530-A3_15 Datasheet
118Kb / 6P
5.0*5.0mm Square Type LED Lamps
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com