Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPR-325 Datasheet (PDF) - Rohm

SPR-325 Datasheet PDF - Rohm
Part # SPR-325
Download  SPR-325 Download
File Size   78.3 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Directly mountable, two-color LEDs (過5.0 mm)

SPR-325 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPR-325 Datasheet PDF - Rohm

Part # SPR-325
Download  SPR-325 Click to download

File Size   78.3 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Directly mountable, two-color LEDs (過5.0 mm)

SPR-325 Datasheet (HTML) - Rohm


SPR-325 Product details

The SPR-325 series are φ3.2 mm, two-color LEDs which can be directly mounted on a printed circuit board. Red and green elements are built into a single package, and these LEDs are suitable for a wide range of uses.

Features
1) Two-color emission : red and green.
2) Epoxy resin package with a diameter of 3.2 mm.
3) Milky white lens.
4) High reliability.
5) Lead pitch of 2.5 mm.




Similar Part No. - SPR-325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPR-3-08BPL TI-SPR-3-08BPL Datasheet
139Kb / 3P
SILICON MULTI-CHANNEL DETECTOR ARRAY
SPR-3-10BPL TI-SPR-3-10BPL Datasheet
139Kb / 3P
SILICON MULTI-CHANNEL DETECTOR ARRAY
logo
List of Unclassifed Man...
SPR-34 ETC2-SPR-34 Datasheet
268Kb / 1P
SPACERS/STANDOFF ORGANIZER KITS
logo
Keystone Electronics Co...
SPR-34 KEYSTONE-SPR-34 Datasheet
262Kb / 1P
SPACERS/STANDOFF ORGANIZER KITS
31-07 20th
logo
Rohm
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
Dual-Color Type 3.1 Circular Type LED Lamps
More results


Similar Description - SPR-325

ManufacturerPart #DatasheetDescription
logo
Rohm
SLA-360 ROHM-SLA-360 Datasheet
121Kb / 4P
High luminance, small LEDs (過3, 過3.1 mm)
SML-020 ROHM-SML-020 Datasheet
125Kb / 6P
Two-color chip LEDs with reflectors
SPR-505 ROHM-SPR-505 Datasheet
77Kb / 3P
Directly mountable, two-color LEDs (過5.0 mm)
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
Reflecting small LEDs, directly mountable (3.2 mm)
SLR-322 ROHM-SLR-322 Datasheet
207Kb / 6P
Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)
SLR-343 ROHM-SLR-343_1 Datasheet
54Kb / 6P
Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
logo
Isahaya Electronics Cor...
VLA553-01R ISAHAYA-VLA553-01R Datasheet
1Mb / 13P
Directly mountable on the New?륪PD
VLA553-02R ISAHAYA-VLA553-02R Datasheet
1Mb / 13P
Directly mountable on the New?륪PD
VLA559-02R ISAHAYA-VLA559-02R Datasheet
1Mb / 13P
Directly mountable on the Prime PACK
logo
OptoDiode Corp
SXUV20HS1 OPTODIODE-SXUV20HS1_18 Datasheet
279Kb / 2P
Photodiode 過5 mm
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com