Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL-R Datasheet (PDF) - Molex Electronics Ltd.

WL-R Datasheet PDF - Molex Electronics Ltd.
Part # WL-R
Download  WL-R Download
File Size   97.32 Kbytes
Page   2 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description Wing Lock Splice for 8-18 AWG Wire

WL-R Datasheet (PDF)

Go To PDF Page Download Datasheet
WL-R Datasheet PDF - Molex Electronics Ltd.

Part # WL-R
Download  WL-R Click to download

File Size   97.32 Kbytes
Page   2 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description Wing Lock Splice for 8-18 AWG Wire

WL-R Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - WL-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WL-01CA2-55LDK13A OMRON-WL-01CA2-55LDK13A Datasheet
2Mb / 42P
Two-circuit Limit Switch
logo
3M Electronics
WL-1 3M-WL-1 Datasheet
71Kb / 2P
WL Wire Pulling Lubricant
2000
logo
Laird Tech Smart Techno...
WL-1000 LSTD-WL-1000 Datasheet
594Kb / 3P
Adjustable Flow Rate
WL-1500 LSTD-WL-1500 Datasheet
1Mb / 9P
Input power must be rated for 230 VAC at 50 or 60 Hz
logo
List of Unclassifed Man...
WL-18606130 ETC2-WL-18606130 Datasheet
505Kb / 1P
T3 MINIATURE BAYONET BASE LED LAMP
More results


Similar Description - WL-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191600046 MOLEX4-0191600046 Datasheet
97Kb / 2P
Wing Lock Splice for 8-18 AWG Wire
0191600039 MOLEX4-0191600039 Datasheet
96Kb / 2P
Twist Lock Splice for 14-22 AWG Wire
0192020054 MOLEX4-0192020054 Datasheet
61Kb / 2P
NylaKrimp??Butt Splice for 8 AWG Wire
0191600040 MOLEX4-0191600040 Datasheet
96Kb / 2P
Twist Lock Splice for 14-22 AWG Wire
0191600194 MOLEX4-0191600194 Datasheet
90Kb / 2P
Wing Lock Splice for 8-22 AWG Wire
0191600043 MOLEX4-0191600043 Datasheet
96Kb / 2P
Twist Lock Splice for 8-22 AWG Wire
0191600042 MOLEX4-0191600042 Datasheet
96Kb / 2P
Twist Lock Splice for 10-22 AWG Wire
0191600044 MOLEX4-0191600044 Datasheet
90Kb / 2P
Wing Lock Splice for 10-18 AWG Wire
0191600041 MOLEX4-0191600041 Datasheet
96Kb / 2P
Twist Lock Splice for 14-22 AWG Wire
0191600047 MOLEX4-0191600047 Datasheet
97Kb / 2P
Wing Lock Splice for 6-14 AWG Wire
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com