Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ110 Datasheet (PDF) - Jinan Gude Electronic Device

SMAJ110 Datasheet PDF - Jinan Gude Electronic Device
Part # SMAJ110
Download  SMAJ110 Download
File Size   313.11 Kbytes
Page   4 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAJ110 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ110 Datasheet PDF - Jinan Gude Electronic Device

Part # SMAJ110
Download  SMAJ110 Click to download

File Size   313.11 Kbytes
Page   4 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAJ110 Datasheet (HTML) - Jinan Gude Electronic Device


SMAJ110 Product details

VOLTAGE RANGE 5.0 to 170 Volts CURRENT 300 Watts Peak Power

FEATURE
* For surface mounted applications
* Low profile package
* Built-in strain relief
* Glass passivated junction
* Excellent clamping capability
* Fast response time: typically less than 1.0ps
   from 0 volts to BV min.
* Typical IR less than 1 μA above 10V
* High Temperature soldering:
   250℃/10 seconds at terminals
* Plastic material used carries Underwriters
   Laboratory Flammability Classification 94V-O
* 400W peak pulse power capability at 10/1000μs waveform,
   repetition rate (duty cycle): 0.01% (300w above 78V)




Similar Part No. - SMAJ110

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMAJ110 EIC-SMAJ110 Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SMAJ110 ETC-SMAJ110 Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
SMAJ110 DAESAN-SMAJ110 Datasheet
369Kb / 4P
POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
logo
Taiwan Semiconductor Co...
SMAJ110 TSC-SMAJ110 Datasheet
85Kb / 5P
Surface Mount Transient Voltage Suppressor
logo
First Components Intern...
SMAJ110 FCI-SMAJ110 Datasheet
179Kb / 4P
5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - SMAJ110

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com