Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0190060015 Datasheet (PDF) - Molex Electronics Ltd.

0190060015 Datasheet PDF - Molex Electronics Ltd.
Part # 0190060015
Download  0190060015 Download
File Size   76.79 Kbytes
Page   2 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description Avikrimp??Quick Disconnect for 14-16 AWG Wire, Female Flag, Tab 4.75mm (.187") x0.51mm (.020")

0190060015 Datasheet (PDF)

Go To PDF Page Download Datasheet
0190060015 Datasheet PDF - Molex Electronics Ltd.

Part # 0190060015
Download  0190060015 Click to download

File Size   76.79 Kbytes
Page   2 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description Avikrimp??Quick Disconnect for 14-16 AWG Wire, Female Flag, Tab 4.75mm (.187") x0.51mm (.020")

0190060015 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0190060015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190060010 MOLEX4-0190060010 Datasheet
76Kb / 2P
Flag Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal Strip, Tab4.75mm (.187") x 0.81mm (.032
0190060011 MOLEX4-0190060011 Datasheet
95Kb / 2P
Avikrimp??Quick Disconnect for 14-16 AWG Wire
0190060013 MOLEX4-0190060013 Datasheet
95Kb / 2P
Flag Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar TapeTab 6.35mm (.250") x 0.81mm (.032"||" "368927
Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wi
0190060014 MOLEX4-0190060014 Datasheet
96Kb / 3P
Flag Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal Strip, Tab6.35mm (.250") x 0.81mm (.032
0190060016 MOLEX4-0190060016 Datasheet
76Kb / 2P
Flag Avikrimp??Quick Disconnect
More results


Similar Description - 0190060015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190010009 MOLEX3-0190010009 Datasheet
120Kb / 3P
Avikrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30), Mylar Tape, Tab 4.75mm (.187") x 0.51mm (.020")
0190010008 MOLEX3-0190010008 Datasheet
120Kb / 2P
Avikrimp Quick Disconnect, Male, for 14-16 (2.00-1.30), Box, Tab 4.75mm (.187") x 0.51mm (.020")
0190250008 MOLEX4-0190250008 Datasheet
132Kb / 2P
Avikrimp??Quick Disconnect for 14-16 AWG Wire, Male, 4.75mm (.187") x 0.51mm(.020") Tab
0190190027 MOLEX4-0190190027 Datasheet
238Kb / 2P
Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 4.75mm(.187") x 0.51mm (.020")
0190190028 MOLEX4-0190190028 Datasheet
238Kb / 2P
Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 4.75mm(.187") x 0.81mm (.032")
0190060006 MOLEX4-0190060006 Datasheet
76Kb / 2P
Flag Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape,Tab 4.75mm (.187") x 0.51mm (.020"||" "368234
Compression Style Ring Tongue Terminal for 8 AWG W
0190060005 MOLEX4-0190060005 Datasheet
76Kb / 2P
Avikrimp??Quick Disconnect for 18-22 AWG Wire, Female Flag, Tab 4.75mm (.187") x0.51mm (.020")
0190080022 MOLEX4-0190080022 Datasheet
159Kb / 3P
Flag Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar TapeTab 4.75mm (.187") x 0.51mm (.020
0190180011 MOLEX4-0190180011 Datasheet
138Kb / 3P
VibraKrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 4.75mm(.187") x 0.51mm (.020")
0190250002 MOLEX4-0190250002 Datasheet
130Kb / 2P
Avikrimp??Quick Disconnect for 18-22 AWG Wire, Male, 4.75mm (.187") x 0.51mm(.020") Tab
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com