Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532 Datasheet (PDF) - Sames

SA2532 Datasheet PDF - Sames
Part # SA2532
Download  SA2532 Download
File Size   583.0 Kbytes
Page   22 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description VERSATILE SINGLE CHIP TELEPHONE

SA2532 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA2532 Datasheet PDF - Sames

Part # SA2532
Download  SA2532 Click to download

File Size   583.0 Kbytes
Page   22 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description VERSATILE SINGLE CHIP TELEPHONE

SA2532 Datasheet (HTML) - Sames


SA2532 Product details

GENERAL DESCRIPTION

The SA2532 is a CMOS integrated circuit that contains all the functions needed to form a high performance electronic telephone. The device incorporates LD/MF dialling, melody generation, ring frequency discrimination and a high quality speech circuit. A RAM is on chip for a 31 digit last number redial. The sliding cursor procedure makes Last Number Redial easy behind a PABX.



FEATURES

Speech circuit, LD/MF Dialler and Tone Ringer on one 28 pin CMOS chip

Soft clip to avoid harsh distortion

Line Loss Compensation selectable by pin option

Power down mode

Versatile applications for different PTT demands

31 digit last number redial

Sliding Cursor protocol with comparison

2 Flash keys, 100 ms and 280 ms (option 600 ms)

Pause key for 3 sec Auto Pause or Wait Function

Ring frequency discrimination

Operating range from 13 to 100 mA (down to 5 mA with reduced performance)

Low noise (max. -72dBmp)

Real or Complex impedance on chip programmable

LD/MF switchable dialling

On chip MF filter (CEPT CS 203 compatible)

3-tone melody generator with selectablerepetition rates




Similar Part No. - SA2532

ManufacturerPart #DatasheetDescription
logo
Sames
SA2532 SAMES-SA2532 Datasheet
71Kb / 13P
SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
SA2532 SAMES-SA2532 Datasheet
36Kb / 4P
SINGLE CHIP TELEPHONE POWER EXTRACTION FOR EXTERNAL LOADS
SA2532K SAMES-SA2532K Datasheet
623Kb / 27P
SINGLE CHIP TELEPHONE DEMO BOARD
SA2532KA SAMES-SA2532KA Datasheet
187Kb / 21P
SINGLE CHIP TELEPHONE FOR INDIA
SA2532KB SAMES-SA2532KB Datasheet
187Kb / 21P
SINGLE CHIP TELEPHONE FOR INDIA
More results


Similar Description - SA2532

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
Versatile telephone transmission circuit with dialler interface
March 1994
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
Sames
SA2531 SAMES-SA2531 Datasheet
392Kb / 24P
VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
Versatile Telephone Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
IC MICROSYSTEMS
ICM9102M ICMIC-ICM9102M Datasheet
339Kb / 3P
SINGLE CHIP TELEPHONE BOARD MODULE
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_15 Datasheet
275Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com