Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9605A Datasheet (PDF) - Sames

SA9605A Datasheet PDF - Sames
Part # SA9605A
Download  SA9605A Download
File Size   107.28 Kbytes
Page   14 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT

SA9605A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA9605A Datasheet PDF - Sames

Part # SA9605A
Download  SA9605A Click to download

File Size   107.28 Kbytes
Page   14 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT

SA9605A Datasheet (HTML) - Sames


SA9605A Product details

DESCRIPTION

The SAMES SA9605A is an enhancement of the SA9105E and SA9105F, as no external capacitors are needed for the A/D converters. The SAMES SA9605A Three Phase Power/Energy metering integrated circuit generates a pulse rate output, the frequency of which is proportional to the absolute power consumption. The SA9605A performs the calculation for active power.

The method of calculation takes the power factor into account. Energy consumption is determined by the power measurement being integrated over time.

The output of this innovative universal three phase power/energy metering integrated circuit, is ideally suited for applications such as residential and industrial energy metering and control.

The SA9605A integrated circuit is available in both 20-pin dual-in-line plastic (DIP-20), as well as 20-pin plastic small outline (SOIC-20) package types.



FEATURES

■ Functionally similar to the SA9105E and SA9105F, with reduced number of external components

■ Output frequency represents the absolute sum of energy on all three phases

■ Performs one, two or three phase power and energy measurement

■ Meets the IEC 521/1036 Specification requirements for Class 1 AC Watt hour meters

■ Operates over a wide temperature range

■ Current transformers for sensing

■ Excellent long term stability

■ Easily adaptable to different signal levels

■ Precision voltage reference on-chip

■ Pin selectable pulse rates

■ Supports tamper detection



 




Similar Part No. - SA9605A

ManufacturerPart #DatasheetDescription
logo
Sames
SA9605ASAR SAMES-SA9605ASAR Datasheet
462Kb / 11P
Three Phase Power
SA9605A SAMES-SA9605A_17 Datasheet
462Kb / 11P
Three Phase Power
More results


Similar Description - SA9605A

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
Three Phase Energy Metering IC with Pulse Output
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com