Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2143B Datasheet (PDF) - Samsung semiconductor

KA2143B Datasheet PDF - Samsung semiconductor
Part # KA2143B
Download  KA2143B Download
File Size   108.29 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS

KA2143B Datasheet (PDF)

Go To PDF Page Download Datasheet
KA2143B Datasheet PDF - Samsung semiconductor

Part # KA2143B
Download  KA2143B Click to download

File Size   108.29 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS

KA2143B Datasheet (HTML) - Samsung semiconductor


KA2143B Product details

R/G/B VIDEO AMPLIFIER

The KA2143B is a very high frequency video amplifier system with OSD interface intended to be used in Monitor with high resolution up to 1024 ´ 768. It contains 3 matched R/G/B video Amplifiers with Blank signal and provides a flexible interfacing to DC controlled adjustment system.

FEATURES
• 3-Channel R/G/B Video Amplifier, 110MHz Bandwidth
• TTL OSD Input, 50MHz Bandwidth
• DC Contrast Control range: -38dB
• DC SUB Contrast Control range: -11dB
• Capable of 7.5VPP Output Swing Range
• Video/OSD high speed Switch

FUNCTIONS
• R/G/B Video Amplifier
• OSD Interface
• Contrast/OSD Contrast/SUB Contrast Control
• Blank/Clamp Gate
• Video Clamp




Similar Part No. - KA2143B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
R/G/B VIDEO AMPLIFIER FOR MONITORS
logo
Fairchild Semiconductor
KA2142 FAIRCHILD-KA2142 Datasheet
62Kb / 12P
Vertical Deflection Output Circuit
KA2142C FAIRCHILD-KA2142C Datasheet
62Kb / 12P
Vertical Deflection Output Circuit
More results


Similar Description - KA2143B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2506-01 SAMSUNG-KA2506-01 Datasheet
271Kb / 27P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2502B01 SAMSUNG-S1D2502B01 Datasheet
722Kb / 61P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2503X01-D0B0 SAMSUNG-S1D2503X01-D0B0 Datasheet
269Kb / 26P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2506A01-D0B1 SAMSUNG-S1D2506A01-D0B1 Datasheet
267Kb / 26P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com