Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA22211 Datasheet (PDF) - Samsung semiconductor

KA22211 Datasheet PDF - Samsung semiconductor
Part # KA22211
Download  KA22211 Download
File Size   135.84 Kbytes
Page   6 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DUAL LOW NOISE EQ AMP

KA22211 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA22211 Datasheet PDF - Samsung semiconductor

Part # KA22211
Download  KA22211 Click to download

File Size   135.84 Kbytes
Page   6 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DUAL LOW NOISE EQ AMP

KA22211 Datasheet (HTML) - Samsung semiconductor


KA22211 Product details

INTRODUCTION
The KA22211 is a monolithic integrated circuit consisting of a 2-channel pre-amplifier in an 8-pin plastic single in-line package.

FEATURES
• Recommended operating supply voltage range: VCC = 5V ~ 14V
• Low noise (VNI = 1.0μV: Typ)
• High channel separation
• Minimum number of external parts required




Similar Part No. - KA22211

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2221 SAMSUNG-KA2221 Datasheet
134Kb / 4P
DUAL LOW NOISE EQUALIZER AMPLIFIER
More results


Similar Description - KA22211

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA22234 SAMSUNG-KA22234 Datasheet
140Kb / 4P
5 BAND DUAL GRAPHIC EQ AMP
KA22241C SAMSUNG-KA22241C Datasheet
142Kb / 6P
DUAL EQ AMP WITH ALC
S1A0211X01 SAMSUNG-S1A0211X01 Datasheet
72Kb / 6P
DUAL LOW NOISE EQ AMP
S1A0234B01 SAMSUNG-S1A0234B01 Datasheet
97Kb / 4P
5 BAND DUAL GRAPHIC EQ AMP
S1A0241A01 SAMSUNG-S1A0241A01 Datasheet
90Kb / 6P
DUAL EQ AMP WITH ALC
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
Low Noise Dual OP AMP
S4558P AUK-S4558P Datasheet
240Kb / 3P
Low Noise Dual OP AMP
logo
Wing Shing Computer Com...
KA22241 WINGS-KA22241 Datasheet
137Kb / 6P
DUAL EQ AMP WITH ALC
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
Low Noise Dual OP AMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com