Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2402 Datasheet (PDF) - Samsung semiconductor

KA2402 Datasheet PDF - Samsung semiconductor
Part # KA2402
Download  KA2402 Download
File Size   59.8 Kbytes
Page   4 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DC MOTOR SPEED CONTROLLER

KA2402 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA2402 Datasheet PDF - Samsung semiconductor

Part # KA2402
Download  KA2402 Click to download

File Size   59.8 Kbytes
Page   4 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DC MOTOR SPEED CONTROLLER

KA2402 Datasheet (HTML) - Samsung semiconductor


KA2402 Product details

LOW VOLTAGE DC MOTOR SPEED CONTROLLER



INTRODUCTION

USE

• Speed control or general-purpose low-voltage compact DC motor for microcassette tape recorders, radio cassettes and their equivalents.



FEATURES

• Operating supply voltage range 

  KA2402: Vcc=1.8V ~ 8V

  KA2402D: Vcc=1.8V ~ 4.5V

• Capable ot making the applicable set compact because of a minimum of adjust speed.

• Easy to adjust speed.

• Built-in stable low reference power meeting the requirements for 2 speeds.

• VREF= 0.2V




Similar Part No. - KA2402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA2402D ETC-KA2402D Datasheet
85Kb / 3P
LOW VOLTAGE DC MOTOR SPEED CONTROLLER
More results


Similar Description - KA2402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7274 STMICROELECTRONICS-TDA7274 Datasheet
108Kb / 10P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
Nov-1988
logo
Samsung semiconductor
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
DC MOTOR SPEED CONTROLLER
S1A2402C01 SAMSUNG-S1A2402C01 Datasheet
48Kb / 4P
DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5527 SANYO-LA5527 Datasheet
58Kb / 3P
Low-Voltage DC Motor Speed Controller
LA5528N SANYO-LA5528N Datasheet
69Kb / 3P
Low-Voltage DC Motor Speed Controller?
LC7991 SANYO-LC7991 Datasheet
176Kb / 7P
Constant-Speed DC Motor Controller
LC7991M SANYO-LC7991M Datasheet
178Kb / 7P
Constant-Speed DC Motor Controller?
logo
Samsung semiconductor
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5523 SANYO-LA5523 Datasheet
52Kb / 1P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
LA5512 SANYO-LA5512 Datasheet
39Kb / 1P
COMPACT DC MOTOR SPEED CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com