Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA8306 Datasheet (PDF) - Samsung semiconductor

KA8306 Datasheet PDF - Samsung semiconductor
Part # KA8306
Download  KA8306 Download
File Size   104.36 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DUAL BRIDGE DRIVER

KA8306 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA8306 Datasheet PDF - Samsung semiconductor

Part # KA8306
Download  KA8306 Click to download

File Size   104.36 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DUAL BRIDGE DRIVER

KA8306 Datasheet (HTML) - Samsung semiconductor


KA8306 Product details

KA8306 is dual bridge driver designed for the cassette and type loading motor drivers in a VCR system.

FEATURES
• 4 modes available(CW/CCW/STOP/BREAK)
• Output current up to 1.0A(AVE) and 1.5A(PEAK)
• Wide range of operating voltage
   VCC opr = 4.5 ~ 18V
   VS opr = 0 ~ 18V
   VREF  opr = 0 ~ 18V




Similar Part No. - KA8306

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8301 SAMSUNG-KA8301 Datasheet
206Kb / 7P
MOTOR DRIVER FOR VTR
logo
Fairchild Semiconductor
KA8301 FAIRCHILD-KA8301 Datasheet
393Kb / 13P
Bi-Directional DC Motor Driver
logo
List of Unclassifed Man...
KA8301 ETC2-KA8301 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Fairchild Semiconductor
KA8301-L FAIRCHILD-KA8301-L Datasheet
393Kb / 13P
Bi-Directional DC Motor Driver
KA8301-L FAIRCHILD-KA8301-L Datasheet
399Kb / 12P
Bi-Directional DC Motor Driver
More results


Similar Description - KA8306

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L298 STMICROELECTRONICS-L298 Datasheet
185Kb / 13P
DUAL FULL-BRIDGE DRIVER
Jenuary 2000
L9997ND STMICROELECTRONICS-L9997ND Datasheet
96Kb / 9P
DUAL HALF BRIDGE DRIVER
Apr-1999
logo
Toshiba Semiconductor
TA7279P TOSHIBA-TA7279P Datasheet
265Kb / 8P
DUAL BRIDGE DRIVER
TA7288P TOSHIBA-TA7288P Datasheet
279Kb / 8P
DUAL BRIDGE DRIVER
TA8400P TOSHIBA-TA8400P Datasheet
253Kb / 8P
DUAL BRIDGE DRIVER
TA8405S TOSHIBA-TA8405S Datasheet
241Kb / 7P
DUAL BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
Dual H-Bridge Driver
logo
New Japan Radio
NJW4810A NJRC-NJW4810A Datasheet
153Kb / 12P
Dual Half Bridge Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
Dual H-Bridge Driver
logo
Toshiba Semiconductor
TC78H620FNG TOSHIBA-TC78H620FNG Datasheet
519Kb / 15P
DUAL-BRIDGE DRIVER IC
2016-11-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com