Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA8602B Datasheet (PDF) - Samsung semiconductor

KA8602B Datasheet PDF - Samsung semiconductor
Part # KA8602B
Download  KA8602B Download
File Size   70.5 Kbytes
Page   5 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description LOW VOLTAGE AUDIO AMPLIFIER

KA8602B Datasheet (PDF)

Go To PDF Page Download Datasheet
KA8602B Datasheet PDF - Samsung semiconductor

Part # KA8602B
Download  KA8602B Click to download

File Size   70.5 Kbytes
Page   5 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description LOW VOLTAGE AUDIO AMPLIFIER

KA8602B Datasheet (HTML) - Samsung semiconductor


KA8602B Product details

INTRODUCTION
The KA8602B is the audio power amplifier available for low voltages. KA8602B supplies differential outputs for maximizing output swing at low voltages. KA8602B doesnt need coupling capacitors to the speaker. The gain of this amp is controlled easily by two external resistors.

FEATURES
● Wide Supply Voltage (2 ~ 16V)
● Low Quiescent Supply Current (ICC = 2.7mA : Typ)
● Easy Gain Control
● Medium Output Power
   PO = 250mW at VCC = 6V, RL = 32Ω, THD = 10%
● Minimum External Parts
● Load Impedance Range (8Ω~ 100Ω)
● Low Distortion
● Mute Function (lCC = 65μA : Typ)




Similar Part No. - KA8602B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
KA8602 UTC-KA8602 Datasheet
139Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
KA8602 ETC1-KA8602 Datasheet
172Kb / 4P
Linear Intergrated Circuit
logo
Unisonic Technologies
KA8602-D08-T UTC-KA8602-D08-T Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
KA8602-S08-R UTC-KA8602-S08-R Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Similar Description - KA8602B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8602B SAMSUNG-S1T8602B Datasheet
66Kb / 8P
LOW VOLTAGE AUDIO AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386 UTC-LM386_11 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM386D TGS-LM386D Datasheet
1Mb / 6P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com