Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC1008 Datasheet (PDF) - Samsung semiconductor

KSC1008 Datasheet PDF - Samsung semiconductor
Part # KSC1008
Download  KSC1008 Download
File Size   71.97 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description NPN (LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)

KSC1008 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSC1008 Datasheet PDF - Samsung semiconductor

Part # KSC1008
Download  KSC1008 Click to download

File Size   71.97 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description NPN (LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)

KSC1008 Datasheet (HTML) - Samsung semiconductor


KSC1008 Product details

LOW FREQUENCY AMPLIFIER

MEDIUM SPEED SWITCHING

 



Complementary to KSA708

High Collector-Base Voltage VCBO = 80V

Collector Current IC = 700mA

Collector Disslpation PC= 800mW




Similar Part No. - KSC1008

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC1008 FAIRCHILD-KSC1008 Datasheet
39Kb / 4P
Low Frequency Amplifier Medium Speed Switching
KSC1008 FAIRCHILD-KSC1008 Datasheet
151Kb / 5P
NPN Epitacial Silicon Transistor
logo
Foshan Blue Rocket Elec...
KSC1008 FOSHAN-KSC1008 Datasheet
891Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Fairchild Semiconductor
KSC1008CG FAIRCHILD-KSC1008CG Datasheet
39Kb / 4P
Low Frequency Amplifier Medium Speed Switching
KSC1008CO FAIRCHILD-KSC1008CO Datasheet
39Kb / 4P
Low Frequency Amplifier Medium Speed Switching
More results


Similar Description - KSC1008

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC2331 SAMSUNG-KSC2331 Datasheet
81Kb / 2P
NPN LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)
logo
Fairchild Semiconductor
KSA708 FAIRCHILD-KSA708 Datasheet
39Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
KSA931 FAIRCHILD-KSA931 Datasheet
41Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
KSC1008 FAIRCHILD-KSC1008 Datasheet
39Kb / 4P
Low Frequency Amplifier Medium Speed Switching
KSC2331 FAIRCHILD-KSC2331 Datasheet
40Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
logo
List of Unclassifed Man...
2SA708 ETC-2SA708 Datasheet
86Kb / 2P
LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Hitachi Semiconductor
2SC1707 HITACHI-2SC1707 Datasheet
61Kb / 1P
LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING
logo
Fairchild Semiconductor
KSA708YBU FAIRCHILD-KSA708YBU Datasheet
45Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
KSA708YTA FAIRCHILD-KSA708YTA Datasheet
45Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
KSA931YTA FAIRCHILD-KSA931YTA Datasheet
47Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com