Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC1009 Datasheet (PDF) - Samsung semiconductor

KSC1009 Datasheet PDF - Samsung semiconductor
Part # KSC1009
Download  KSC1009 Download
File Size   70.63 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description NPN (HIGH VOLTAGE AMPLIFIER)

KSC1009 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSC1009 Datasheet PDF - Samsung semiconductor

Part # KSC1009
Download  KSC1009 Click to download

File Size   70.63 Kbytes
Page   2 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description NPN (HIGH VOLTAGE AMPLIFIER)

KSC1009 Datasheet (HTML) - Samsung semiconductor


KSC1009 Product details

HIGH VOLTAGE AMPLIFIER

• High Collector-Base Voltage VCBO=160V
• Collector Current IC=700mA
• Collector Power Dissipation PC=800mW
• Complement to KSA709




Similar Part No. - KSC1009

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC1009 FAIRCHILD-KSC1009 Datasheet
37Kb / 4P
High Voltage Amplifier
KSC1009CYBU FAIRCHILD-KSC1009CYBU Datasheet
37Kb / 4P
High Voltage Amplifier
KSC1009CYTA FAIRCHILD-KSC1009CYTA Datasheet
37Kb / 4P
High Voltage Amplifier
KSC1009G FAIRCHILD-KSC1009G Datasheet
37Kb / 4P
High Voltage Amplifier
KSC1009GBU FAIRCHILD-KSC1009GBU Datasheet
37Kb / 4P
High Voltage Amplifier
More results


Similar Description - KSC1009

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPSA42 FAIRCHILD-MPSA42 Datasheet
657Kb / 14P
NPN High Voltage Amplifier
MPSA43 FAIRCHILD-MPSA43 Datasheet
27Kb / 3P
NPN High Voltage Amplifier
TN6719A FAIRCHILD-TN6719A Datasheet
24Kb / 2P
NPN High Voltage Amplifier
MPSA43 FAIRCHILD-MPSA43_02 Datasheet
28Kb / 3P
NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA42 BILIN-MMBTA42 Datasheet
176Kb / 3P
NPN High Voltage Amplifier
Rev.A
MMBTA43 BILIN-MMBTA43 Datasheet
219Kb / 3P
NPN High Voltage Amplifier
Rev.A
logo
Kwang Myoung I.S. CO.,L...
MMBTA42 KISEMICONDUCTOR-MMBTA42 Datasheet
7Mb / 4P
NPN High Voltage Amplifier
logo
Galaxy Semi-Conductor H...
MMBTA42 BILIN-MMBTA42_13 Datasheet
166Kb / 4P
NPN High Voltage Amplifier
MMBTA43 BILIN-MMBTA43_13 Datasheet
188Kb / 3P
NPN High Voltage Amplifier
logo
Shenzhen Luguang Electr...
MMBTA42 LUGUANG-MMBTA42 Datasheet
663Kb / 3P
NPN High Voltage Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com