Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSD362 Datasheet (PDF) - Samsung semiconductor

KSD362 Datasheet PDF - Samsung semiconductor
Part # KSD362
Download  KSD362 Download
File Size   223.26 Kbytes
Page   6 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description NPN (B/W TV HORIZONTAL DEFLECTION OUTPUT)

KSD362 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSD362 Datasheet PDF - Samsung semiconductor

Part # KSD362
Download  KSD362 Click to download

File Size   223.26 Kbytes
Page   6 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description NPN (B/W TV HORIZONTAL DEFLECTION OUTPUT)

KSD362 Datasheet (HTML) - Samsung semiconductor


KSD362 Product details

B/W TV HORIZONTAL DEFLECTION OUTPUT

• Collector-Base Voltage  VCBO=150V
• Collector Current  IC=5A
• Collector Dissipation  PC=40W(TC=25°C)




Similar Part No. - KSD362

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSD362 FAIRCHILD-KSD362 Datasheet
61Kb / 4P
B/W TV Horizontal Deflection Output
KSD362 FAIRCHILD-KSD362 Datasheet
67Kb / 4P
B/W TV Horizontal Deflection Output
logo
Foshan Blue Rocket Elec...
KSD362 FOSHAN-KSD362 Datasheet
997Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
logo
Inchange Semiconductor ...
KSD362 ISC-KSD362 Datasheet
243Kb / 2P
isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSD362R FAIRCHILD-KSD362R Datasheet
67Kb / 4P
B/W TV Horizontal Deflection Output
More results


Similar Description - KSD362

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2233 FAIRCHILD-KSC2233 Datasheet
42Kb / 4P
B/W TV Horizontal Deflection Output
KSD1362 FAIRCHILD-KSD1362 Datasheet
47Kb / 4P
B/W TV Horizontal Deflection Output
KSD362 FAIRCHILD-KSD362 Datasheet
61Kb / 4P
B/W TV Horizontal Deflection Output
KSD363 FAIRCHILD-KSD363 Datasheet
60Kb / 4P
B/W TV Horizontal Deflection Output
logo
KEC(Korea Electronics)
KTC1003 KEC-KTC1003 Datasheet
247Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR (B/W TV HORIZONTAL DEFLECTION OUTPUT)
KTC3231 KEC-KTC3231 Datasheet
324Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR (B/W TV HORIZONTAL DEFLECTION OUTPUT)
logo
List of Unclassifed Man...
2SC940 ETC-2SC940 Datasheet
42Kb / 1P
B/W TV Horizontal Deflection Output
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
TV HORIZONTAL DEFLECTION OUTPUT
logo
Fairchild Semiconductor
KSD362R FAIRCHILD-KSD362R Datasheet
67Kb / 4P
B/W TV Horizontal Deflection Output
KSD363R FAIRCHILD-KSD363R Datasheet
65Kb / 4P
B/W TV Horizontal Deflection Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com