Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3C8075 Datasheet (PDF) - Samsung semiconductor

S3C8075 Datasheet PDF - Samsung semiconductor
Part # S3C8075
Download  S3C8075 Download
File Size   1412.79 Kbytes
Page   208 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description SAM87 family of 8-bit single-chip CMOS microcontrollers, 272-byte general purpose register area, 16-Kbyte internal program memory

S3C8075 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3C8075 Datasheet PDF - Samsung semiconductor

Part # S3C8075
Download  S3C8075 Click to download

File Size   1412.79 Kbytes
Page   208 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description SAM87 family of 8-bit single-chip CMOS microcontrollers, 272-byte general purpose register area, 16-Kbyte internal program memory

S3C8075 Datasheet (HTML) - Samsung semiconductor


S3C8075 Product details

PRODUCT OVERVIEW
SAM8 PRODUCT FAMILY
Samsungs SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-programmable ROM sizes. Important CPU features include:

— Efficient register-oriented architecture
— Selectable CPU clock sources
— Idle and Stop power-down mode release by interrupt
— Built-in basic timer with watchdog function

A sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more interrupt sources and vectors. Fast interrupt processing (within a minimum of six CPU clocks) can be assigned to specific interrupt levels.

S3C8075/P8075 MICROCONTROLLERS
S3C8075/P8075 single-chip 8-bit microcontrollers are based on the powerful SAM87 CPU architecture. The internal register file is logically expanded to increase the on-chip register space. The S3C8075 has 16-Kbyte mask-programmable ROM. The S3P8075 has 16-Kbyte one-time-programmable EPROM.

Following Samsungs modular design approach, the following peripherals are integrated with the SAM87 core:

— Seven programmable I/O ports (total 56 pins)
— One 8-bit basic timer for oscillation stabilization and watchdog functions
— One synchronous operating mode and three full-duplex asynchronous UART modes
— Two 8-bit timers with interval timer and PWM modes
— Two 16-bit general-purpose timer/counters




Similar Part No. - S3C8075

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
S3C8-SERIES MICROCONTROLLERS
S3C80A4 SAMSUNG-S3C80A4 Datasheet
112Kb / 16P
S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80A5 SAMSUNG-S3C80A5 Datasheet
112Kb / 16P
S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80A8 SAMSUNG-S3C80A8 Datasheet
112Kb / 16P
S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C80B4 SAMSUNG-S3C80B4 Datasheet
112Kb / 16P
S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
More results


Similar Description - S3C8075

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
logo
Samsung semiconductor
KS88C8316 SAMSUNG-KS88C8316 Datasheet
91Kb / 19P
SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
KS88C8424 SAMSUNG-KS88C8424 Datasheet
168Kb / 25P
SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
S3C8835 SAMSUNG-S3C8835 Datasheet
144Kb / 19P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C9004 SAMSUNG-S3C9004 Datasheet
162Kb / 26P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com