Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6A0093 Datasheet (PDF) - Samsung semiconductor

S6A0093 Datasheet PDF - Samsung semiconductor
Part # S6A0093
Download  S6A0093 Download
File Size   594.48 Kbytes
Page   54 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD

S6A0093 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6A0093 Datasheet PDF - Samsung semiconductor

Part # S6A0093
Download  S6A0093 Click to download

File Size   594.48 Kbytes
Page   54 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD

S6A0093 Datasheet (HTML) - Samsung semiconductor


S6A0093 Product details

INTRODUCTION
The S6A0093 is an LCD driver and controller LSI for liquid crystal dot matrix character display systems. It can display 2 or 3 lines of 16 characters with 5 x 8 dots format. It is capable of interfacing various microprocessors, supporting the 4-bit, 8-bit parallel modes and the clock synchronized serial mode. Voltage converter, oscillator, voltage regulator, voltage follower and bias circuit are built in the IC. The double height character mode and line vertical scroll functions are supported.

FEATURES
Driver Outputs
   - Common outputs: 26 common
   - Segment outputs: 80 segment
Applicable Panel Size
Internal Memory
   - Character Generator ROM (CGROM): 10,240 bits (256 characters x 5 x 8 dots)
   - Character Generator RAM (CGRAM): 320 bits (8 characters x 5 x 8 dots)
   - Display Data RAM (DDRAM): 512 bits (16 characters x 4 lines)
   - Segment Icon RAM (ICONRAM): 80 bits (80 icons)
MPU Interface
   - No busy MPU interface (no busy check or no execution waiting time)
   - 8-bit parallel interface mode: 68-series and 80-series are available.
   - 4-bit parallel interface mode: 68-series and 80-series are available.
   - Serial interface mode: 4 pins clock synchronized serial interface
Function Set
   - Various instruction set: display control, power save, power control, etc.
   - COM / SEG bi-directional (4-type LCD application available)
   - H/W reset (RESETB)
Built-in Analog Circuit
   - Internal RC oscillator circuit or external clock
   - Electronic volume for contrast control (32 steps)
   - Voltage converter / voltage regulator / voltage follower & bias circuit
Low Power Operation
   - Sleep mode operation (5mA Max.)
   - Normal mode operation (80mA Max.)
Operating Voltage Range
   - Power supply voltage (VDD): 2.4V ~ 5.5V
   - LCD driving voltage (VLCD = V0 - VSS): 6.0V Max.
Package Type
   - Gold bumped chip or TCP




Similar Part No. - S6A0093

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0090 SAMSUNG-S6A0090 Datasheet
549Kb / 54P
64 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0092 SAMSUNG-S6A0092 Datasheet
466Kb / 54P
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6A0093

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0093 SAMSUNG-KS0093 Datasheet
590Kb / 55P
26 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
KS0094 SAMSUNG-KS0094 Datasheet
920Kb / 62P
34 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0031 SAMSUNG-S6A0031 Datasheet
339Kb / 37P
8 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0032 SAMSUNG-S6A0032 Datasheet
361Kb / 39P
16 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6A0090 SAMSUNG-S6A0090 Datasheet
549Kb / 54P
64 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0092 SAMSUNG-S6A0092 Datasheet
466Kb / 54P
80 SEG / 26 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
logo
Sitronix Technology Co....
ST7093 SITRONIX-ST7093 Datasheet
540Kb / 43P
26 COM / 80 SEG LCD CONTROLLER/DRIVER
logo
Generalplus Technology ...
GPLD1080A GENERALPLUS-GPLD1080A Datasheet
545Kb / 20P
80 CHANNEL SEG/COM STN LCD DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com