Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL1 Datasheet (PDF) - Sanken electric

EL1 Datasheet PDF - Sanken electric
Part # EL1
Download  EL1 Download
File Size   23.17 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Ultra-Fast-Recovery Rectifier Diodes

EL1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1 Datasheet PDF - Sanken electric

Part # EL1
Download  EL1 Click to download

File Size   23.17 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Ultra-Fast-Recovery Rectifier Diodes

EL1 Datasheet (HTML) - Sanken electric


EL1 Product details

Description
The AL01Z is a fast recovery diode of 200 V / 1.0 A.
The maximum trr of 50 ns is realized by optimizing a life-time control.

Features
● VRM------------------------------------------------------ 200 V
● IF(AV)------------------------------------------------------ 1.0 A
● VF--------------------------------------------------------0.98 V
● trr1--------------------------------------------------------- 50 ns
● Bare Leads: Pb-free (RoHS Compliant)

Applications
● White Goods
● Audiovisual Equipment
● Lighting Equipment
● Industrial Electronic Equipment
   (Communication Equipment and Factory Automation)
● Secondary Side Rectifier Diode
   (Flyback Converter, LLC Converter, etc.)
● Freewheel Diode
   (Offline Buck and Buck-boost Converter)




Similar Part No. - EL1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL1 ETC-EL1 Datasheet
54Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
EL1 TAYCHIPST-EL1 Datasheet
1,020Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
PHOENIX CONTACT
EL1-P16 PHOENIX-EL1-P16 Datasheet
66Kb / 2P
Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
logo
Axiomtek Co., Ltd.
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
10/100BASE-TX to 100BASE-FX Media Converter
logo
Diodes Incorporated
EL1004R DIODES-EL1004R Datasheet
756Kb / 10P
120VAC Triac Dimmable GU10 LED Driver
Rev 2
More results


Similar Description - EL1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR520D STMICROELECTRONICS-STPR520D Datasheet
75Kb / 6P
ULTRA-FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
Sanken electric
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com