Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM2 Datasheet (PDF) - Sanken electric

EM2 Datasheet PDF - Sanken electric
Part # EM2
Download  EM2 Download
File Size   20.34 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Rectifier Diodes

EM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM2 Datasheet PDF - Sanken electric

Part # EM2
Download  EM2 Click to download

File Size   20.34 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Rectifier Diodes

EM2 Datasheet (HTML) - Sanken electric


EM2 Product details

Description
The EM2 is a 400 V, 1.2 A general-purpose rectifier
diode with low loss characteristics. This rectifier diode
is for a commercial power supply.

Features
● VRM------------------------------------------------------ 400 V
● IF(AV)------------------------------------------------------ 1.2 A
● VF (IF = 1.2 A)----------------------------------- 0.88 V typ.
● Bare Leads: Pb-free (RoHS Compliant)
● Flammability: Equivalent to UL94V-0

Applications
● Rectification Circuit
● Reverse Protection Circuit




Similar Part No. - EM2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EM2 SANKEN-EM2 Datasheet
183Kb / 3P
Silicon Diode
logo
SAB North America
EM2-12 SAB-EM2-12 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
EM2-12L SAB-EM2-12L Datasheet
192Kb / 1P
EMC Grounding Cable Glands
EM2-16 SAB-EM2-16 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
EM2-16C SAB-EM2-16C Datasheet
192Kb / 1P
EMC Grounding Cable Glands
More results


Similar Description - EM2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com