Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB-24 Datasheet (PDF) - Sanken electric

FMB-24 Datasheet PDF - Sanken electric
Part # FMB-24
Download  FMB-24 Download
File Size   62.33 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Schottky Barrier Diodes 40V

FMB-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMB-24 Datasheet PDF - Sanken electric

Part # FMB-24
Download  FMB-24 Click to download

File Size   62.33 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Schottky Barrier Diodes 40V

FMB-24 Datasheet (HTML) - Sanken electric


FMB-24 Product details

Scope
   The present specifications shall apply to an FMB-24.

Outline
   Type             Silicon Schottky Barrier Diode
   Structure      Resin Molded
   Applications High Frequency Rectification


Flammability
   UL94V-0(Equivalent)




Similar Part No. - FMB-24

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-24 SANKEN-FMB-24 Datasheet
85Kb / 3P
Schottky Barrier Diodes
FMB-24 SANKEN-FMB-24 Datasheet
196Kb / 5P
Silicon Schottky Barrier Diode
FMB-24H SANKEN-FMB-24H Datasheet
85Kb / 3P
Schottky Barrier Diodes
FMB-24L SANKEN-FMB-24L Datasheet
85Kb / 3P
Schottky Barrier Diodes
FMB-24M SANKEN-FMB-24M Datasheet
85Kb / 3P
Schottky Barrier Diodes
More results


Similar Description - FMB-24

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
Schottky Barrier Diodes (Center-tap) 40V
FMB-G14 SANKEN-FMB-G14 Datasheet
23Kb / 1P
Schottky Barrier Diodes 40V
FME-24H SANKEN-FME-24H Datasheet
17Kb / 1P
Schottky Barrier Diodes (Center tap) 40V
SPJ-63S SANKEN-SPJ-63S Datasheet
25Kb / 1P
Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V
SSB-14 SANKEN-SSB-14 Datasheet
34Kb / 2P
Schottky Barrier Diodes (Surface Mount) 40V
logo
Shindengen Electric Mfg...
D15FR4ST SHINDENGEN-D15FR4ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 40V, 15A
D20FR4ST SHINDENGEN-D20FR4ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 40V, 20A
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
BAS40 AITSEMI-BAS40 Datasheet
249Kb / 5P
SCHOTTKY DIODES 120mA, 40V
REV1.1
SDM20U40 AITSEMI-SDM20U40 Datasheet
493Kb / 5P
SCHOTTKY DIODES 2PIN 40V
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com